Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1191 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1191
Description  Digital Power Monitor with Convert Pin and ALERTB O
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1191 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1191 Datasheet HTML 5Page - Analog Devices ADM1191 Datasheet HTML 6Page - Analog Devices ADM1191 Datasheet HTML 7Page - Analog Devices ADM1191 Datasheet HTML 8Page - Analog Devices ADM1191 Datasheet HTML 9Page - Analog Devices ADM1191 Datasheet HTML 10Page - Analog Devices ADM1191 Datasheet HTML 11Page - Analog Devices ADM1191 Datasheet HTML 12Page - Analog Devices ADM1191 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM1191
Rev. 0 | Page 9 of 16
VOLTAGE AND CURRENT READBACK
The ADM1191 contains the components to allow voltage and
current readback over an Inter-IC (I2C) bus. The voltage output
of the current sense amplifier and the voltage on the VCC pin
are fed into a 12-bit ADC via a multiplexer. The device can be
instructed to convert voltage and/or current at any time during
operation via an I2C command or by driving the CONV pin high.
When all conversions are complete, the voltage and/or current
values can be read out to 12-bit accuracy in two or three bytes.
SERIAL BUS INTERFACE
Control of the ADM1191 is carried out via the serial system
management bus (I2C). This interface is compatible with I2C
fast mode (400 kHz maximum). The ADM1191 is connected to
this bus as a slave device, under the control of a master device.
IDENTIFYING THE ADM1191 ON THE I2C BUS
The ADM1191 has a 7-bit serial bus slave address. When the
device powers up, it does so with a default serial bus address.
The three MSBs of the address are set to 010; the four LSBs are
determined by the state of the A0 pin and the A1 pin. There are
16 different configurations available on the A0 pin and A1 pin
that correspond to 16 different I2C addresses for the four LSBs
(see Table 5). This scheme allows 16 ADM1191 devices to operate
on a single I2C.
Table 5. Setting I2C Addresses via the A0 Pin and the A1 Pin
A0 Configuration
A1 Configuration
Address
Low state
Low state
0x60
Low state
Resistor to GND
0x68
Low state
Floating
0x70
Low state
High state
0x78
Resistor to GND
Low state
0x62
Resistor to GND
Resistor to GND
0x6A
Resistor to GND
Floating
0x72
Resistor to GND
High state
0x7A
Floating
Low state
0x64
Floating
Resistor to GND
0x6C
Floating
Floating
0x74
Floating
High state
0x7C
High state
Low state
0x66
High state
Resistor to GND
0x6E
High state
Floating
0x76
High state
High state
0x7E
GENERAL I2C TIMING
Figure 16 and Figure 17 show timing diagrams for general read
and write operations using the I2C. The I2C specification defines
conditions for different types of read and write operations, which
are discussed later. The general I2C protocol operates as follows:
1.
The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data line, SDA, while the serial clock line, SCL, remains
high. This indicates that a data stream follows. All slave
peripherals connected to the serial bus respond to the start
condition and shift in the next eight bits, consisting of a 7-
bit slave address (MSB first) plus an R/W bit that
determines the direction of the data transfer; that is,
whether data is written to or read from the slave device
(0 = write, 1 = read).
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the
low period before the ninth clock pulse, known as the
acknowledge bit, and holding it low during the high period
of this clock pulse. All other devices on the bus remain idle
while the selected device waits for data to be read from it
or written to it. If the R/W bit is 0, the master writes to the
slave device. If the R/W bit is 1, the master reads from the
slave device.
2.
Data is sent over the serial bus in sequences of nine clock
pulses: eight bits of data followed by an acknowledge bit
from the slave device. Data transitions on the data line
must occur during the low period of the clock signal and
remain stable during the high period, because a low-to-
high transition when the clock is high can be interpreted as
a stop signal.
If the operation is a write operation, the first data byte after
the slave address is a command byte. This tells the slave
device what to expect next. It can be an instruction, such
as telling the slave device to expect a block write, or it can
be a register address that tells the slave where subsequent
data is to be written.
Because data can flow in only one direction, as defined by
the R/W bit, it is not possible to send a command to a slave
device during a read operation. Before doing a read
operation, it may first be necessary to do a write operation
to tell the slave what sort of read operation to expect and/or
the address from which data is to be read.
3.
When all data bytes have been read or written, stop
conditions are established. In write mode, the master pulls
the data line high during the 10th clock pulse to assert a
stop condition. In read mode, the master device releases the
SDA line during the low period before the ninth clock
pulse, but the slave device does not pull it low. This is
known as a no acknowledge. The master then takes the data
line low during the low period before the 10th clock pulse,
then high during the 10th clock pulse to assert a stop
condition.


Similar Part No. - ADM1191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1191 AD-ADM1191 Datasheet
403Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
ADM1191-2ARMZ-R7 AD-ADM1191-2ARMZ-R7 Datasheet
403Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
ADM1191 AD-ADM1191_08 Datasheet
403Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
More results

Similar Description - ADM1191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1191 AD-ADM1191_08 Datasheet
403Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1176 AD-ADM1176 Datasheet
683Kb / 24P
   Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
REV. 0
ADM1192 AD-ADM1192_08 Datasheet
415Kb / 20P
   Digital Power Monitor with Clear Pin and ALERT Output
REV. B
ADM1192 AD-ADM1192 Datasheet
395Kb / 20P
   Digital Power Monitor with Clear Pin and ALERT Output
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com