Electronic Components Datasheet Search |
|
S72NS128PD0AJGGC2 Datasheet(PDF) 8 Page - SPANSION |
|
S72NS128PD0AJGGC2 Datasheet(HTML) 8 Page - SPANSION |
8 / 14 page 6 S72NS-P Based MCPs/PoPs S72NS-P_00_01 September 6, 2006 Data Sheet (Adv ance I nf or mation) 4. Input/Output Descriptions Signal Description Flash DRAM Amax – A16 = Flash Address inputs ADQ15 – ADQ0 = Flash multiplexed Address and Data F-CE# = Flash Chip-enable input. Asynchronous relative to CLK for Burst Mode X F-OE# = Flash Output Enable input. Asynchronous relative to CLK for Burst mode. X F-WE# = Flash Write Enable input X F-VCC = Flash device power supply (1.7 V to 1.95 V) X F-VCCQ = Flash Input/Output Buffer power supply X F-VSS = Flash Ground X F-RDY = Flash ready output. Indicates the status of the Burst read. VOL = data invalid. VOH = data valid. X F-CLK = Flash Clock. The first rising edge of CLK in conjunction with AVD# low latches the address input and activates burst mode operation. After the initial word is output, subsequent rising edges of CLK increment the internal address counter. CLK should remain low during asynchronous access. X F-AVD# = Flash Address Valid input. Indicates to device that the valid address is present on the address inputs. VIL = for asynchronous mode, indicates valid address; for burst mode, causes starting address to be latched on rising edge of CLK. VIH= device ignores address inputs X F-RST# = Flash hardware reset input. VIL= device resets and returns to reading array data X F-WP# = Flash hardware write protect input. VIL = disables program and erase functions in the four outermost sectors X F-ACC = Flash accelerated input. At VHH, accelerates programming; automatically places device in unlock bypass mode. At VIL, disables all program and erase functions. Should be at VIH for all other conditions. X D-A12 – D-A0 = DRAM Address inputs. X D-DQ15 – D-DQ0 = DRAM Data input/output X D-CLK = DRAM System Clock X D-CE# = DRAM Chip Select X D-CKE = DRAM Clock Enable X D-BA1 – BA0 = DRAM Bank Select X D-RAS# = DRAM Row Address Strobe X D-CAS# = DRAM Column Address Strobe X D-UDQM – D-LDQM = DRAM Data Input Mask X D-WE# = DRAM Write Enable input X D-VSS = DRAM Ground X D-VSSQ = DRAM Input/Output Buffer ground X D-VCCQ = DRAM Input/Output Buffer power supply X D-VCC = DRAM device power supply X D-UDQS = DRAM Upper Data Strobe, output with read data and input with write data X D-LDQS = DRAM Lower Data Strobe, output with read data and input with write data X D-CLK# = DDR Clock for negative edge of CLK X RFU = Reserved for Future Use NC = No Connect. Can be connected to ground or left floating. DNU = Do Not Use. This signal must be left floating |
Similar Part No. - S72NS128PD0AJGGC2 |
|
Similar Description - S72NS128PD0AJGGC2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |