Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7N1004LD Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # H7N1004LD
Description  Silicon N-Channel MOSFET High-Speed Power Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N1004LD Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button H7N1004LD Datasheet HTML 2Page - Renesas Technology Corp H7N1004LD Datasheet HTML 3Page - Renesas Technology Corp H7N1004LD Datasheet HTML 4Page - Renesas Technology Corp H7N1004LD Datasheet HTML 5Page - Renesas Technology Corp H7N1004LD Datasheet HTML 6Page - Renesas Technology Corp H7N1004LD Datasheet HTML 7Page - Renesas Technology Corp H7N1004LD Datasheet HTML 8Page - Renesas Technology Corp H7N1004LD Datasheet HTML 9Page - Renesas Technology Corp H7N1004LD Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
H7N1004LD, H7N1004LS, H7N1004LM
Rev.6.00, Aug.27.2003, page 6 of 11
010
20
30
40
50
2000
5000
10000
1000
100
200
500
200
160
120
80
40
0
20
16
12
8
4
20
40
60
80
100
0
1000
100
1
10
0.1
0.3
1
3
10
30
100
20
50
10
V
= 0
f = 1 MHz
GS
Ciss
Coss
Crss
I = 30 A
D
VDS
VGS
V
= 25 V
50 V
100 V
DD
V
= 100 V
50 V
25 V
DD
r
t
d(on)
t
d(off)
t
t f
V
= 10 V, V
= 30 V
PW = 5
µs, duty ≤ 1%
R
= 4.7
GS
DD
G
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage V
(V)
DS
Dynamic Input Characteristics
Switching Characteristics
Gate Charge Qg (nC)
Drain Current I
(A)
D
0.1
0.3
1
3
10
30
100
100
20
50
10
di / dt = 100 A /
µs
V
= 0, Ta = 25
°C
GS
Body-Drain Diode Reverse
Recovery Time
Reverse Drain Current I
(A)
DR


Similar Part No. - H7N1004LD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N1004LD RENESAS-H7N1004LD_15 Datasheet
126Kb / 14P
   Silicon N-Channel MOSFET High-Speed Power Switching
More results

Similar Description - H7N1004LD

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK294 HITACHI-2SK294 Datasheet
47Kb / 1P
   SILICON N CHANNEL MOSFET HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
RJK6022DJE RENESAS-RJK6022DJE Datasheet
102Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004DL RENESAS-H7N1004DL Datasheet
121Kb / 9P
   Silicon N-Channel MOSFET High-Speed Power Switching
RJK6026DPP RENESAS-RJK6026DPP Datasheet
105Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004LD RENESAS-H7N1004LD_15 Datasheet
126Kb / 14P
   Silicon N-Channel MOSFET High-Speed Power Switching
RJL6013DPP RENESAS-RJL6013DPP Datasheet
108Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004DL RENESAS-H7N1004DL_15 Datasheet
137Kb / 11P
   Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004FM RENESAS-H7N1004FM_12 Datasheet
94Kb / 8P
   Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004LM RENESAS-H7N1004LM Datasheet
98Kb / 12P
   Silicon N-Channel MOSFET High-Speed Power Switching
HS54097 RENESAS-HS54097 Datasheet
71Kb / 4P
   Silicon N Channel MOSFET High Speed Power Switching
H5N2305PF RENESAS-H5N2305PF Datasheet
87Kb / 10P
   Silicon N Channel MOSFET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com