Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-428-DFF-B3PMA Datasheet(PDF) 8 Page - Vectron International, Inc

Part # FX-428-DFF-B3PMA
Description  Low Jitter Frequency Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-428-DFF-B3PMA Datasheet(HTML) 8 Page - Vectron International, Inc

  FX-428-DFF-B3PMA Datasheet HTML 1Page - Vectron International, Inc FX-428-DFF-B3PMA Datasheet HTML 2Page - Vectron International, Inc FX-428-DFF-B3PMA Datasheet HTML 3Page - Vectron International, Inc FX-428-DFF-B3PMA Datasheet HTML 4Page - Vectron International, Inc FX-428-DFF-B3PMA Datasheet HTML 5Page - Vectron International, Inc FX-428-DFF-B3PMA Datasheet HTML 6Page - Vectron International, Inc FX-428-DFF-B3PMA Datasheet HTML 7Page - Vectron International, Inc FX-428-DFF-B3PMA Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FX-427 Low Jitter Frequency Translator
Vectron International, 267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 8 of 8
Rev: 8Nov06
Standard Frequencies (MHz)*
0.0080
A3
31.2500
H8
166.6286
M5
625.0000
P3
707.3527
TC
781.2500
T9
0.0160
A4
38.8800
H5
167.3316
N2
637.5000
PG
716.5732
T1
796.8750
TB
1.5440
B3
51.8400
J4
201.4160
N1
644.5313
P4
718.7500
T5
805.6641
TA
2.0480
B4
61.4400
J5
300.0000
PT
657.4219
PB
719.7344
T3
809.0635
TE
10.0000
C4
77.7600
K2
311.0400
P1
666.5143
P5
748.0709
T6
12.3520
D1
125.0000
L4
491.5200
PM
669.3266
R3
750.0000
T7
19.4400
D6
155.5200
M2
531.2500
P8
672.1627
R5
777.6000
T4
20.0000
E2
156.2500
M3
569.1964
P9
690.5692
R4
779.5686
T8
30.7200
H1
161.1328
M4
622.0800
P2
693.4830
R6
780.8810
TD
Note 1: Other frequencies available upon request.
Note 2: Not all combinations are possible.
Note 3: For multiple input frequencies, replace the Input Frequency Code with “SS” and denote the input frequencies following the part
number.
Ordering Information
EXAMPLE: FX-427-DFF-A3P2C
FX-427, 3.3V, LVPECL output, -40° to +85°C, FIN1 = 8 kHz, FOUT1 = 622.08 MHz, FOUT2 = 155.52 MHz.
EXAMPLE: FX-427-DFC-SSP2B, S = 2.048 MHz, 19.44 MHz, 77.76 MHz
FX-427, 3.3V, LVPECL output, 0° to 70°C, FIN1 = 2.048 MHz, FIN2 = 19.44 MHz, FIN3 = 77.76 MHz, FOUT1 = 622.08 MHz,
FOUT2 = 311.04 MHz
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Rd. Hudson, NH 03051 •
Tel: 1-88-VECTRON-1
• Fax: 1-888-FAX-VECTRON
EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany
Tel: 49 (0) 7268 8010
• Fax: 49 (0) 7268 801281
ASIA: 1F-2F, No 8 Workshop, No. 308 Fenju Road, WaiGaoQiao Free Trade
Zone, Pudong, Shanghai, China 200131
Tel: 86 21 5048 0777
• Fax: 86 21 5048 1881
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of
their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - FX-428-DFF-B3PMA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
148Kb / 9P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
FX-424-DAC-A1C1 VECTRON-FX-424-DAC-A1C1 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-424-DAC-A2C1 VECTRON-FX-424-DAC-A2C1 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
More results

Similar Description - FX-428-DFF-B3PMA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com