Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF245B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF245B
Description  VHF push-pull power MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF245B Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF245B Datasheet HTML 1Page - NXP Semiconductors BLF245B Datasheet HTML 2Page - NXP Semiconductors BLF245B Datasheet HTML 3Page - NXP Semiconductors BLF245B Datasheet HTML 4Page - NXP Semiconductors BLF245B Datasheet HTML 5Page - NXP Semiconductors BLF245B Datasheet HTML 6Page - NXP Semiconductors BLF245B Datasheet HTML 7Page - NXP Semiconductors BLF245B Datasheet HTML 8Page - NXP Semiconductors BLF245B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
September 1992
5
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF245B
Fig.6
Drain-source on-state resistance as a
function of junction temperature, typical
values per section.
ID = 0.75 A; VGS = 10 V
handbook, halfpage
0
2
1
0
40
80
160
120
MGP182
RDS(on)
(
Ω)
Tj (°C)
Fig.7
Input and output capacitance as functions
of drain-source voltage, typical values per
section.
VGS = 0; f = 1 MHz.
handbook, halfpage
010
20
40
160
0
80
120
40
30
MGP183
C
(pF)
VDS (V)
Cis
Cos
Fig.8
Feedback capacitance as a function of
drain-source voltage, typical values per
section.
VGS = 0; f = 1 MHz.
handbook, halfpage
010
20
40
20
0
10
30
MGP184
Crs
(pF)
VDS (V)


Similar Part No. - BLF245B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF245B NXP-BLF245B Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BLF245B JMNIC-BLF245B_15 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF245B_2015 JMNIC-BLF245B_2015 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
More results

Similar Description - BLF245B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF368 PHILIPS-BLF368 Datasheet
132Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF248_2015 JMNIC-BLF248_2015 Datasheet
89Kb / 13P
   VHF push-pull power MOS transistor
logo
eleflow technologies co...
BLF248 ELEFLOW-BLF248 Datasheet
90Kb / 2P
   VHF push-pull power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF368_2015 JMNIC-BLF368_2015 Datasheet
112Kb / 16P
   VHF push-pull power MOS transistor
logo
NXP Semiconductors
BLF248 PHILIPS-BLF248 Datasheet
105Kb / 13P
   VHF push-pull power MOS transistor
September 1992
BLF378 PHILIPS-BLF378 Datasheet
134Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF278_2015 JMNIC-BLF278_2015 Datasheet
141Kb / 21P
   VHF push-pull power MOS transistor
BLF245B_2015 JMNIC-BLF245B_2015 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF245B JMNIC-BLF245B_15 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF246B JMNIC-BLF246B_15 Datasheet
99Kb / 16P
   VHF push-pull power MOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com