Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-428-DFF-B4PMA Datasheet(PDF) 5 Page - Vectron International, Inc

Part # FX-428-DFF-B4PMA
Description  Low Jitter Frequency Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-428-DFF-B4PMA Datasheet(HTML) 5 Page - Vectron International, Inc

  FX-428-DFF-B4PMA Datasheet HTML 1Page - Vectron International, Inc FX-428-DFF-B4PMA Datasheet HTML 2Page - Vectron International, Inc FX-428-DFF-B4PMA Datasheet HTML 3Page - Vectron International, Inc FX-428-DFF-B4PMA Datasheet HTML 4Page - Vectron International, Inc FX-428-DFF-B4PMA Datasheet HTML 5Page - Vectron International, Inc FX-428-DFF-B4PMA Datasheet HTML 6Page - Vectron International, Inc FX-428-DFF-B4PMA Datasheet HTML 7Page - Vectron International, Inc FX-428-DFF-B4PMA Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FX-427 Low Jitter Frequency Translator
Vectron International, 267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 5 of 8
Rev: 8Nov06
Table 4. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
VCC
0 to 6
V
Storage Temperature
TS
-55 to 125
°C
Soldering Temp/Time
TLS
260/40
°C/sec
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is
not implied at these or any other conditions in excess of conditions represented in the operational sections of this
data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability.
Reliability
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR
reflow simulation. The FX-427 family is undergoing the following qualification tests:
Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2016
Handling Precautions
Although ESD protection circuitry has been designed into the FX-427 proper precautions should be taken when
handling and mounting. VI employs a human body model (HBM) and a charged-device model (CDM) for ESD
susceptibility testing and design protection evaluation
ESD Ratings
Model
Minimum
Conditions
Human Body Model
500 V
MIL-STD 883, Method 3015
Charged Device Model
500 V
JEDEC, JESD22-C101


Similar Part No. - FX-428-DFF-B4PMA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
148Kb / 9P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
FX-424-DAC-A1C1 VECTRON-FX-424-DAC-A1C1 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-424-DAC-A2C1 VECTRON-FX-424-DAC-A2C1 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
More results

Similar Description - FX-428-DFF-B4PMA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com