Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S72WS256PD0JF0HH0 Datasheet(PDF) 11 Page - SPANSION

Part # S72WS256PD0JF0HH0
Description  based MCP/PoP Products
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS256PD0JF0HH0 Datasheet(HTML) 11 Page - SPANSION

Back Button S72WS256PD0JF0HH0 Datasheet HTML 7Page - SPANSION S72WS256PD0JF0HH0 Datasheet HTML 8Page - SPANSION S72WS256PD0JF0HH0 Datasheet HTML 9Page - SPANSION S72WS256PD0JF0HH0 Datasheet HTML 10Page - SPANSION S72WS256PD0JF0HH0 Datasheet HTML 11Page - SPANSION S72WS256PD0JF0HH0 Datasheet HTML 12Page - SPANSION S72WS256PD0JF0HH0 Datasheet HTML 13Page - SPANSION S72WS256PD0JF0HH0 Datasheet HTML 14Page - SPANSION S72WS256PD0JF0HH0 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
S72WS-P_00_A4 May 29, 2006
S72WS-P based MCP/PoP Products
9
Da t a
Sh ee t
( A dv an c e
In f o r m at io n)
4.
Ordering Information
The order number is formed by a valid combinations of the following:
S72WS
512
P
D0
HF
0
L
G
0
PACKING TYPE
0 = Tray
2 = 7” Tape and Reel
3 = 13” Tape and Reel
MODEL NUMBER 2
G = 66MHz/133MHz Speed, No Data Flash
H = 66MHz/133MHz Speed, Spansion MS-P as Data Flash
J = 66MHz/133MHz Speed, NAND Type 1 as Data Flash
R = 80MHz/104MHz Speed, No Data Flash
D = 80MHz/133MHz Speed, Spansion MS-P as Data Flash
E = 80MHz/133MHz Speed, NAND Type 1 as Data Flash
MODEL NUMBER 1
L = x16 DDR DRAM Type 5
G = x16 DDR DRAM Type 1
H = x16 DDR DRAM Type 2
1 = x16 SDR DRAM Type 2
PACKAGE DESCRIPTOR
Depends on Character 12. For a more detailed description see Table 4.1.
PACKAGE TYPE & MATERIAL SET
HF = 1.2mm MCP FBGA, Pb-free
KF = 1.2mm POP FBGA, Pb-free
JF = 1.4mm MCP FBGA, Pb-free
DRAM & ORNAND FLASH DENSITY
D0 = 128 Mb DRAM, No Data Flash
EF = 256Mb DRAM, 512Mb NAND Flash
FF = 512Mb DRAM, 512Mb NAND Flash
E0 = 256Mb DRAM, No Data Flash
PROCESS TECHNOLOGY
P = 90 nm, MirrorBit
TM Technology
CODE FLASH DENSITY
256 = 256Mb
512 = 512Mb
PRODUCT FAMILY
S72WS Stacked Products (MCP/PoP)
1.8 V NOR Flash and ORNAND Flash on Bus 1 with Mobile DRAM on Bus 2
Table 4.1 Character Position Descriptions (Sheet 1 of 2)
Character 12
Character 13
Character 14 Description
Package Area
Package Ball Count
Raw Ball Size
H, J, or G
07x9 mm
56
0.35 mm
17x9 mm
80
2
8x11.6 mm
64
3
8x11.6 mm
84
4
9x12 mm
84
5
9x12 mm
115
6
9x12 mm
137
7
11x13 mm
84
8
11x13 mm
115
9
11x13 mm
137


Similar Part No. - S72WS256PD0JF0HH0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72WS256ND0 SPANSION-S72WS256ND0 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAW4Y0 SPANSION-S72WS256ND0BAW4Y0 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAW4Y2 SPANSION-S72WS256ND0BAW4Y2 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAW4Y3 SPANSION-S72WS256ND0BAW4Y3 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAWB7 SPANSION-S72WS256ND0BAWB7 Datasheet
977Kb / 30P
   Based MCP/PoP Products
More results

Similar Description - S72WS256PD0JF0HH0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
   based MCP/PoP Products
S72WS-N SPANSION-S72WS-N Datasheet
977Kb / 30P
   Based MCP/PoP Products
S75WS-P SPANSION-S75WS-P Datasheet
463Kb / 15P
   based MCP/POP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com