Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDGBFWUJ2 Datasheet(PDF) 6 Page - SPANSION

Part # S75WS256NDGBFWUJ2
Description  Stacked Multi-Chip Product (MCP)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDGBFWUJ2 Datasheet(HTML) 6 Page - SPANSION

Back Button S75WS256NDGBFWUJ2 Datasheet HTML 2Page - SPANSION S75WS256NDGBFWUJ2 Datasheet HTML 3Page - SPANSION S75WS256NDGBFWUJ2 Datasheet HTML 4Page - SPANSION S75WS256NDGBFWUJ2 Datasheet HTML 5Page - SPANSION S75WS256NDGBFWUJ2 Datasheet HTML 6Page - SPANSION S75WS256NDGBFWUJ2 Datasheet HTML 7Page - SPANSION S75WS256NDGBFWUJ2 Datasheet HTML 8Page - SPANSION S75WS256NDGBFWUJ2 Datasheet HTML 9Page - SPANSION S75WS256NDGBFWUJ2 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
4
S75WS-N Based MCPs
S75WS-N_02_A2 October 6, 2005
Prel imi n ary
2
Ordering Information
The ordering part number is formed by a valid combination of the following:
Package Marking Note:
The BGA package marking omits the leading S75 and packing type designator from the ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult
your local sales office to confirm availability of specific valid combinations and to check on newly
released combinations.
S75WS 256 N D F BA W
L
K 0
Packing Type
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
RAM Supplier; Speed Combination
K
= RAM Type 4, 54 MHz
J
= RAM Type 4, 66 MHz
H
= RAM Type 4, 80 MHz
Package Dimensions and Ball Count; DYB Power Up;
Flash Device Family (Data Storage)
L
= 1.4 mm, 9 x 12, 84 ball; 0, WS as Data Flash
N
= 1.4 mm, 9 x 12, 84 ball; 1, WS as Data Flash
U
= 1.4mm, 11x13, 115-ball, x16 ORNAND Data Flash
S
= 1.4mm, 11x13, 115-ball, x8 ORNAND Data Flash
Temperature Range
W
= Wireless (–25°C to +85°C)
Package Type And Material
BA
= Very Thin Fine-Pitch Ball Grid Array (BGA),
Lead (Pb)-free Compliant Package
BF
= Very Thin Fine-Pitch Ball Grid Array (BGA),
Lead (Pb)-free Package
Data Flash Density
F
= 512 Mb
G
= 1024 Mb
RAM Density
D
= 128 Mb
E
= 256 Mb
Process Technology
N
= 110 nm, Mirror Bit Technology
Code Flash Density
256
= 256 Mb
Device Family
S75WS = Multi-chip Product (MCP)
1.8-volt Burst Mode Flash Memory, RAM, and data flash
Table 2.1 MCP Configurations and Valid Combinations
Valid Combination
S75WS256N
D
F
BA, BF
W
L, N
K, H
Table 2.2 ORNAND Configurations and Valid Combinations
Valid Combination
S75WS256N
E
G
BA, BF
W
U, S
K, J, H


Similar Part No. - S75WS256NDGBFWUJ2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75WS256NDGBFWUJ2 SPANSION-S75WS256NDGBFWUJ2 Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S75WS256NDGBFWUJ2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com