Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFCFJ6VA104AY Datasheet(PDF) 5 Page - ITT Industries

Part # TFCFJ6VA104AY
Description  Miniature Snap-acting Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TFCFJ6VA104AY Datasheet(HTML) 5 Page - ITT Industries

  TFCFJ6VA104AY Datasheet HTML 1Page - ITT Industries TFCFJ6VA104AY Datasheet HTML 2Page - ITT Industries TFCFJ6VA104AY Datasheet HTML 3Page - ITT Industries TFCFJ6VA104AY Datasheet HTML 4Page - ITT Industries TFCFJ6VA104AY Datasheet HTML 5Page - ITT Industries TFCFJ6VA104AY Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
K–9
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
HIGH FORCE, LOW MOTION PIVOT POSITION
LOW FORCE, HIGH MOTION PIVOT POSITION
NOTE: Lever actuator options are available in either of two pivot positions.
Levers located in the forward pivot position have lower forces and higher motions.
Levers located in the rear pivot position have higher forces and lower motions.
Available with actuators A10, A15, T10, T13, T14, T15, T16 and T18.
Available with actuators A20, A25, T20, T23, T24, T25, T26, and T28.
C&K TF Series
Miniature Snap-acting Switches
ACTUATOR
K
.030
(0,51)
.047
(1,19)
.010
(0.25)
.21
.35
.35
.53
1.23
1.97
3.88
6
10
10
15
35
56
110
.53
.88
1.76
2.65
5.29
7.94 14.11
15
25
50
75
150
225
400
WP0
.235
(5,97)
.500
(12,70)
.100
(2,54)
N/A
.04
.04
.05
.12
.21
.39
1
1
1.5
3.5
6
11
N/A
.14
.28
.42
.85
1.27
2.26
4
8
12
24
36
64
T26
.125
(3,18)
.250
(6,35)
.055
(1,40)
.04
.07
.07
.07
.21
.35
.99
12226
10
28
.18
.28
.53
.88
1.59
2.47
4.23
5
8
15
25
45
70
120
T25
.120
(3,05)
.250
(6,35)
.050
(1,27)
.04
.07
.07
.07
.21
.35
.71
12226
10
20
.18
.28
.56
.85
1.69
2.65
4.41
5
8
16
24
48
75
125
T23
.060
(1,52)
.140
(3,56)
.030
(0,76)
.21
.35
.35
.53
.71
1.98
3.88
6
10
10
15
20
56
110
.53
.71
1.41
2.12
4.23
6
9.70
15
20
40
60
120
170
275
T20
NOTE: For basic switch operating forces, see page K-6.
.155
(3,94)
.300
(7,62)
.062
(1,57)
N/A
.04
.04
.07
.18
.28
.56
11258
16
N/A
.21
.42
.71
1.41
2.12
3.53
6
12
20
40
60
100
T18
.125
(3,18)
.250
(6,35)
.045
(1,14)
.04
.07
.07
.07
.28
.35
.71
12228
10
20
.18
.28
.53
.78
1.59
2.47
4.23
5
8
15
22
45
70
120
T16
.065
(1,65)
.110
(2,59)
.030
(0,76)
.07
.14
.14
.18
.28
.63
2.82
24458
18
80
.25
.42
1.06
1.41
2.82
4.41
7.94
7
12
30
40
80
125
225
T15
.060
(1,52)
.100
(2,54)
.030
(0,76)
.07
.14
.14
.18
.35
.71
2.82
244
5
10
20
80
.28
.42
1.23
1.76
3.17
4.76
7.94
8
12
35
50
90
135
225
T14
.065
(1,65)
.100
(2,54)
.030
(0,76)
.07
.14
.14
.18
.35
.71
2.82
2445
10
20
80
.28
.42
1.06
1.59
3
4.59
7.94
8
12
30
45
85
130
225
T13
.030
(0,76)
.060
(1,52)
.015
(0,38)
.21
.35
.35
.53
.71
1.98
3.88
6
10
10
15
20
56
110
.63
1.06
2.29
3.17
6.35
7.94 14.11
18
30
65
90
180
225
400
T10
.050
(1,27)
.047
(1,19)
.010
(0,25)
.21
.35
.35
.53
1.23
1.98
3.88
6
10
10
15
35
56
110
.53
.88
1.76
2.65
5.29
7.94 14.11
15
25
50
75
150
225
400
P00
.120
(3,05)
.250
(6,35)
.050
(1,27)
.04
.07
.07
.07
.21
.35
.71
12226
10
20
.18
.28
56
85
1.69
2.65
4.41
5
8
16
24
48
75
125
A25
.065
(1,65)
.100
(2,54)
.030
(0,76)
.07
.14
.14
.18
.35
.71
2.82
2445
10
20
80
.28
.42
1.06
1.593
4.59
7.94
8
12
30
45
85
130
225
A15
.030
(0,76)
.060
(1,52)
.015
(0,38)
.21
.35
.35
.53
.71
1.98
3.88
6
10
10
15
20
56
110
.63
1.06
2.29
3.17
6.35
7.94 14.11
18
30
65
90
180
225
400
A10
MINIMUM
OVERTRAVEL
ALL FORCES
MAXIMUM
PRETRAVEL
ALL FORCES
MAXIMUM
DIFFERENTIAL
TRAVEL
ALL FORCES
MINIMUM RELEASE FORCE
(OZ./GRAMS)
MAXIMUM OPERATING FORCE
(OZ./GRAMS)
CC
CD
CF
CG
CJ
EC
EE
(15)
(25)
(50)
(75)
(150) (225) (400)
OPTION
CODE
SWITCH CHARACTERISTICS
CC
CD
CF
CG
CJ
EC
EE
(15)
(25)
(50)
(75)
(150) (225) (400)
2
3
3
5
12
20
40
15
20
40
60
120
170
275
A20
0.055
(1,40)
0.12
(3,05)
0.025
(0,64)
0.53
0.71
1.41
2.12
4.23
6
9.7
0.07
0.11 0.11
0.18
0.42
0.71
1.41
0.11
(2.79)
0.23
(5,84)
.005
(1,27)
T24
1
2
2
3
6
10
20
0.04
0.07 0.07
0.11
0.21
0.35
0.71
5
8
16
25
50
75
135
0.18
0.28 0.56
0.88
1.76
2.65
4.76
0.285
(7,24)
.0.56
(14.22)
0.12
(3,05)
T28
13
5
9
N/A
0.04
0.11
0.18
0.32
N/A
N/A
12
20
30
55
N/A
0.42
0.71
1.06
1.94
N/A
N/A


Similar Part No. - TFCFJ6VA104AY

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TFC TRANSKO-TFC Datasheet
328Kb / 2P
   CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 2.0mm)
Rev 3: 03-02-2023
logo
Samtec, Inc
TFC-103-X1-F-D-A SAMTEC-TFC-103-X1-F-D-A Datasheet
324Kb / 1P
   (1.27 mm) .050
TFC-103-X1-F-D-FR SAMTEC-TFC-103-X1-F-D-FR Datasheet
324Kb / 1P
   (1.27 mm) .050
TFC-103-X1-F-D-K SAMTEC-TFC-103-X1-F-D-K Datasheet
324Kb / 1P
   (1.27 mm) .050
TFC-103-X1-F-D-LC SAMTEC-TFC-103-X1-F-D-LC Datasheet
324Kb / 1P
   (1.27 mm) .050
More results

Similar Description - TFCFJ6VA104AY

ManufacturerPart #DatasheetDescription
logo
C&K Components
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
   Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
   Miniature Snap-acting Switches
logo
ITT Industries
TMCGD6SP0040C ITT-TMCGD6SP0040C Datasheet
307Kb / 6P
   Miniature Snap-acting Switches
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
   Miniature Subminiature Precision Snap-acting Switches
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com