Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5866 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5866
Description  Ultra-Low-Power, High-Dynamic- Performance, 60Msps Analog Front End
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5866 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5866 Datasheet HTML 3Page - Maxim Integrated Products MAX5866 Datasheet HTML 4Page - Maxim Integrated Products MAX5866 Datasheet HTML 5Page - Maxim Integrated Products MAX5866 Datasheet HTML 6Page - Maxim Integrated Products MAX5866 Datasheet HTML 7Page - Maxim Integrated Products MAX5866 Datasheet HTML 8Page - Maxim Integrated Products MAX5866 Datasheet HTML 9Page - Maxim Integrated Products MAX5866 Datasheet HTML 10Page - Maxim Integrated Products MAX5866 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Ultra-Low-Power, High-Dynamic-
Performance, 60Msps Analog Front End
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V, OVDD = 3.0V, internal reference (1.024V), CL ≈ 10pF on all digital outputs, fCLK = 60MHz, 50% duty cycle, ADC input ampli-
tude = -0.5dBFS, DAC output amplitude = 0dBFS, differential ADC input, differential DAC output, CREFP = CREFN = CCOM = 0.33µF,
Xcvr mode, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Threshold
VINL
DD0–DD9, CLK, SCLK, DIN, CS
0.3 x
OVDD
V
Input Leakage
DIIN
DD0–DD9, CLK, SCLK, DIN, CS = OGND or
OVDD
±5µA
Input Capacitance
DCIN
5pF
DIGITAL OUTPUTS (DA0–DA7)
Output Voltage Low
VOL
ISINK = 200µA
0.2 x
OVDD
V
Output Voltage High
VOH
ISOURCE = 200µA
0.8 x
OVDD
V
Tri-State Leakage Current
ILEAK
±5µA
Tri-State Output Capacitance
COUT
5pF
Note 1: Specifications from TA = +25°C to +85°C are guaranteed by production tests. Specifications from TA = +25°C to -40°C are
guaranteed by design and characterization.
Note 2: The minimum clock frequency for the MAX5866 is 40MHz.
Note 3: SNR, SINAD, SFDR, HD3, and THD are based on a differential analog input voltage of -0.5dBFS referenced to the amplitude
of the digital outputs. SINAD and THD are calculated using HD2 through HD6.
Note 4: Guaranteed by design and characterization.
Note 5: Crosstalk rejection is measured by applying a high-frequency test tone to one channel and a low-frequency tone to the sec-
ond channel. FFTs are performed on each channel. The parameter is specified as the power ratio of the first and second
channel FFT test tone bins.
Note 6: Amplitude/phase matching is measured by applying the same signal to each channel, and comparing the magnitude and
phase of the fundamental bin on the calculated FFT.
Typical Operating Characteristics
(VDD = 3V, OVDD = 3.0V, internal reference (1.024V), CL ≈ 10pF on all digital outputs, fCLK = 60MHz 50% duty cycle, ADC input
amplitude = -0.5dBFS, DAC output amplitude = 0dBFS, differential ADC input, differential DAC output, CREFP = CREFN = CCOM =
0.33µF, Xcvr mode, TA = +25°C, unless otherwise noted.)
-110
-70
-90
-30
-50
-10
-80
-100
-40
-60
-20
0
05
10
15
20
25
30
ADC CHANNEL-IA FFT PLOT
FREQUENCY (MHz)
fCLK = 60MHz
fIA = 12.499MHz
fQA = 19.99MHz
IA
QA
HD3
HD2
-110
-70
-90
-30
-50
-10
-80
-100
-40
-60
-20
0
ADC CHANNEL-QA FFT PLOT
FREQUENCY (MHz)
05
10
15
20
25
30
fCLK = 60MHz
fIA = 12.499MHz
fQA = 19.99MHz
HD3
HD2
IA
QA
-110
-70
-90
-30
-50
-10
-80
-100
-40
-60
-20
0
ADC CHANNEL-IA TWO-TONE FFT PLOT
FREQUENCY (MHz)
05
10
15
20
25
30
fCLK = 60MHz
f1 = 11.813MHz
f2 = 12.795MHz
AIA = -7dBFS PER TONE
f1
f2


Similar Part No. - MAX5866

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5861 MAXIM-MAX5861 Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5861EVKIT MAXIM-MAX5861EVKIT Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
MAX5863E/D MAXIM-MAX5863E/D Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
MAX5863ETM MAXIM-MAX5863ETM Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
More results

Similar Description - MAX5866

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX5865 MAXIM-MAX5865 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 40Msps Analog Front End
19-2916; Rev 1; 10/03
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
   High-Performance FM Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com