Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE3511S02-T1C Datasheet(PDF) 7 Page - California Eastern Labs

Part # NE3511S02-T1C
Description  X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE3511S02-T1C Datasheet(HTML) 7 Page - California Eastern Labs

Back Button NE3511S02-T1C Datasheet HTML 2Page - California Eastern Labs NE3511S02-T1C Datasheet HTML 3Page - California Eastern Labs NE3511S02-T1C Datasheet HTML 4Page - California Eastern Labs NE3511S02-T1C Datasheet HTML 5Page - California Eastern Labs NE3511S02-T1C Datasheet HTML 6Page - California Eastern Labs NE3511S02-T1C Datasheet HTML 7Page - California Eastern Labs NE3511S02-T1C Datasheet HTML 8Page - California Eastern Labs NE3511S02-T1C Datasheet HTML 9Page - California Eastern Labs NE3511S02-T1C Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NE3511S02
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Condition Symbol
Infrared Reflow
Peak temperature (package surface temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Time at temperature of 220
°C or higher
: 60 seconds or less
Preheating time at 120 to 180
°C
: 120
±30 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
IR260
Partial Heating
Peak temperature (terminal temperature)
: 350
°C or below
Soldering time (per side of device)
: 3 seconds or less
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
HS350
Caution Do not use different soldering methods together (except for partial heating).
Data Sheet PG10642EJ01V0DS
7


Similar Part No. - NE3511S02-T1C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3511S02-T1C RENESAS-NE3511S02-T1C Datasheet
210Kb / 11P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE3511S02-T1C

ManufacturerPart #DatasheetDescription
logo
NEC
NE4210S01 NEC-NE4210S01 Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3511S02 RENESAS-NE3511S02 Datasheet
210Kb / 11P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02 RENESAS-NE3515S02 Datasheet
225Kb / 12P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE3210S01 NEC-NE3210S01 Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com