Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0010 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAADSS0010
Description  Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAADSS0010 Datasheet(HTML) 3 Page - Tyco Electronics

  MAADSS0010 Datasheet HTML 1Page - Tyco Electronics MAADSS0010 Datasheet HTML 2Page - Tyco Electronics MAADSS0010 Datasheet HTML 3Page - Tyco Electronics MAADSS0010 Datasheet HTML 4Page - Tyco Electronics MAADSS0010 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Digital Attenuator, 5-Bit, 31 dB
400 - 2500 MHz
MAADSS0010
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
RoHS
Compliant
Typical Performance Curves
Insertion Loss
Attenuation at Major Bits
Input Return Loss
Output Return Loss
Attenuation Accuracy
Attenuation Accuracy vs. Setting
0
1
2
3
4
5
0
500
1000
1500
2000
2500
3000
+25ºC
-40ºC
+85ºC
Frequency (MHz)
0
5
10
15
20
25
30
35
0
500
1000
1500
2000
2500
3000
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (MHz)
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (MHz)
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (MHz)
-20
-15
-10
-5
0
5
0
500
1000
1500
2000
2500
3000
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
0
4
8
121620
2428
32
250 MHz
400 MHz
900 MHz
1900 MHz
2200 MHz
2500 MHz
Attenuation Setting (dB)


Similar Part No. - MAADSS0010

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAADSS0010SMB MA-COM-MAADSS0010SMB Datasheet
135Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAADSS0010TR MA-COM-MAADSS0010TR Datasheet
135Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
More results

Similar Description - MAADSS0010

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
logo
Tyco Electronics
MAATSS0017 MACOM-MAATSS0017 Datasheet
292Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
Tyco Electronics
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
   Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
MAATSS0002 MACOM-MAATSS0002 Datasheet
303Kb / 5P
   Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
   Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com