Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5420D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS5420D
Description  20 V, 4 A PNP low VCEsat (BISS) transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5420D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS5420D Datasheet HTML 7Page - NXP Semiconductors PBSS5420D Datasheet HTML 8Page - NXP Semiconductors PBSS5420D Datasheet HTML 9Page - NXP Semiconductors PBSS5420D Datasheet HTML 10Page - NXP Semiconductors PBSS5420D Datasheet HTML 11Page - NXP Semiconductors PBSS5420D Datasheet HTML 12Page - NXP Semiconductors PBSS5420D Datasheet HTML 13Page - NXP Semiconductors PBSS5420D Datasheet HTML 14Page - NXP Semiconductors PBSS5420D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
9397 750 14027
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 7 April 2005
11 of 16
Philips Semiconductors
PBSS5420D
20 V, 4 A PNP low VCEsat (BISS) transistor
8.
Test information
Fig 13. BISS transistor switching time definition
VCC = −12.5 V; IC = −3 A; IBon = −0.15 A; IBoff = 0.15 A
Fig 14. Test circuit for switching times
006aaa266
−I
Bon (100 %)
−I
B
input pulse
(idealized waveform)
−I
Boff
90 %
10 %
−I
C (100 %)
−I
C
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
RC
R2
R1
DUT
mgd624
Vo
RB
(probe)
450
(probe)
450
oscilloscope
oscilloscope
VBB
VI
VCC


Similar Part No. - PBSS5420D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5420D NXP-PBSS5420D Datasheet
124Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
logo
Nexperia B.V. All right...
PBSS5420D NEXPERIA-PBSS5420D Datasheet
246Kb / 15P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02 - 29 September 2008
logo
NXP Semiconductors
PBSS5420D PHILIPS-PBSS5420D_15 Datasheet
131Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
More results

Similar Description - PBSS5420D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5420D PHILIPS-PBSS5420D_15 Datasheet
131Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
PBSS5420D NXP-PBSS5420D Datasheet
124Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
PBSS301PD NXP-PBSS301PD Datasheet
135Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 03-17 December 2007
logo
Nexperia B.V. All right...
PBSS301PD NEXPERIA-PBSS301PD Datasheet
250Kb / 15P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 03 - 17 December 2007
PBSS5420D NEXPERIA-PBSS5420D Datasheet
246Kb / 15P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02 - 29 September 2008
PBSS4021SP NEXPERIA-PBSS4021SP Datasheet
1Mb / 15P
   20 V, 6.3 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS302PZ NXP-PBSS302PZ Datasheet
172Kb / 14P
   20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS5120T PHILIPS-PBSS5120T Datasheet
47Kb / 7P
   20 V, 1 A PNP low VCEsat (BISS) transistor
2003 Sep 29
PBSS5220V PHILIPS-PBSS5220V_15 Datasheet
182Kb / 13P
   20 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com