Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI2030 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCI2030
Description  PCI-TO-PCI BRI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2030 Datasheet(HTML) 1 Page - Texas Instruments

  PCI2030 Datasheet HTML 1Page - Texas Instruments PCI2030 Datasheet HTML 2Page - Texas Instruments PCI2030 Datasheet HTML 3Page - Texas Instruments PCI2030 Datasheet HTML 4Page - Texas Instruments PCI2030 Datasheet HTML 5Page - Texas Instruments PCI2030 Datasheet HTML 6Page - Texas Instruments PCI2030 Datasheet HTML 7Page - Texas Instruments PCI2030 Datasheet HTML 8Page - Texas Instruments PCI2030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PCI2030
PCI-TO-PCI BRIDGE
XCPS012 – DECEMBER 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Supports PCI Local Bus Specification 2.1
and PCI-to-PCI Bridge Specification 1.0
D 3.3-V Core Logic With Universal PCI
Interfaces Compatible With 3.3-V and 5-V
PCI Signaling Environments
D Supports Two 32-Bit, 33-MHz PCI Buses
D Provides Internal Arbitration for Up to Six
Secondary Bus Masters With
Programmable Control
D Provides Six Secondary PCI Bus Clock
Outputs
D Supports Burst Transfers to Maximize Data
Throughput on Both PCI Buses
D Provides Two Extension Windows
D EEPROM Interface for Loading Texas
Instruments (TI
™) Subsystem ID and
Subsystem Vendor ID
D Four Primary and Four Secondary
General-Purpose I/Os
D Independent Read and Write Buffers for
Each Direction
D Secondary Positive Decode
D Predictable Latency: Compliant With PCI
Local Bus Specification 2.1
D External Arbiter Option
D Provides Concurrent Operation
D Serial IRQ Bridging
D Propagates Bus Locking
D Supports PCI Clock Run
D Secondary Bus Driven Low During Reset
D Docking Connect Detects
D PCI Local Bus Specification 2.0-Compliant
Device Optimization
D Advanced Submicron, Low-Power CMOS
Technology
D Provides VGA/Palette Memory and I/O, and
Subtractive Decoding Options
D Packaged in 176-Pin Plastic Quad Flatpack
Description
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
System Block Diagram
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Terminal Assignments
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Terminal Functions
4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Absolute Maximum Ratings
9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions
9
. . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions for PCI Interface
9
. . . . . .
Electrical Characteristics
10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PCI Clock/Reset Timing Requirements
10
. . . . . . . . . . . . . . . . . . . . . .
PCI Timing Requirements
10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Parameter Measurement Information
11
. . . . . . . . . . . . . . . . . . . . . . . .
PCI Bus Parameter Measurement Information
12
. . . . . . . . . . . . . . . .
Mechanical Data
13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Table of Contents
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - PCI2030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2031 TI-PCI2031 Datasheet
920Kb / 70P
[Old version datasheet]   PCI-TO-PCI BRIDGE
More results

Similar Description - PCI2030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V01 Datasheet
511Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
logo
Intel Corporation
21150 INTEL-21150 Datasheet
1Mb / 164P
   PCI-to-PCI Bridge
logo
Texas Instruments
PCI2050B TI-PCI2050B Datasheet
410Kb / 87P
[Old version datasheet]   PCI-TO-PCI BRIDGE
PCI2050 TI-PCI2050 Datasheet
335Kb / 81P
[Old version datasheet]   PCI-TO-PCI BRIDGE
logo
Intel Corporation
21152 INTEL-21152 Datasheet
1Mb / 148P
   PCI-to-PCI Bridge
logo
Texas Instruments
PCI2031 TI-PCI2031 Datasheet
920Kb / 70P
[Old version datasheet]   PCI-TO-PCI BRIDGE
logo
Intel Corporation
FW21154AE INTEL-FW21154AE Datasheet
345Kb / 36P
   PCI-to-PCI Bridge
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
   PCI Express-to-PCI/PCI-X Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com