Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z2802R5S Datasheet(PDF) 3 Page - International Rectifier

Part # Z2802R5S
Description  28V Input, Single Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

Z2802R5S Datasheet(HTML) 3 Page - International Rectifier

  Z2802R5S Datasheet HTML 1Page - International Rectifier Z2802R5S Datasheet HTML 2Page - International Rectifier Z2802R5S Datasheet HTML 3Page - International Rectifier Z2802R5S Datasheet HTML 4Page - International Rectifier Z2802R5S Datasheet HTML 5Page - International Rectifier Z2802R5S Datasheet HTML 6Page - International Rectifier Z2802R5S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
Z-SERIES
For Notes to Specifications, refer to page 4
* Exceeding maximum rating limits may cause damage to the device
Electrical Characteristics -40°C
≤ TBASE ≤ +85°C, VIN=28 VDC ±5%, C
L=0, unless otherwise specified.
Absolute Maximum Ratings*
Recommended Operating Conditions
Input Voltage
-0.5V to +50VDC
Input Voltage Range
+18V to +40V
Soldering
300°C, 10 Sec
Output Power
0 to Max rated
Temperature Range
Operating – -40°C to +85°C Base Plate
Storage – -55°C to +105°C Ambient
Base Plate
Temperature
-40°C to +85°C
Parameter
Group A
Subgroups
Test
Conditions
Min
Nom
Max
Unit
Input Voltage
18
28
40
V
Output Voltage
Z2801R5S
Z2802R5S
Z2803R3S
Z2801R5S
Z2802R5S
Z2803R3S
1
1
1
2, 3
2, 3
2, 3
Iout = 0
1.485
2.475
3.267
1.470
2.450
3.234
1.500
2.500
3.300
1.515
2.525
3.333
1.530
2.550
3.366
V
V
V
V
V
V
Output Current 1
Z2801R5S
Z2802R5S
Z2803R3S
1, 2, 3
1, 2, 3
1, 2, 3
Vin = 18, 28, 40 Volts
20
20
15
A
A
A
Output Power 1
Z2801R5S
Z2802R5S
Z2803R3S
100% load
30
50
50
W
W
W
Output Ripple Voltage 2
Z2801R5S
Z2802R5S
Z2803R3S
1, 2, 3
1, 2, 3
1, 2, 3
Vin = 18, 28, 40 Volts
BW = 20 Hz to 2 MHz
20
30
40
mVPP
mVPP
mVPP
Output Voltage
Regulation 3
Line
Load
1, 2, 3
1, 2, 3
Vin = 18, 28, 40 Volts
Iout = 10%, 50%, 100% load
±0.5
±0.5
%
%
Output Voltage
Temperature Coefficient
±0.02
%/°C


Similar Part No. - Z2802R5S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
Z2802R5S IRF-Z2802R5S Datasheet
64Kb / 7P
   LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
Z2802R5S/EM IRF-Z2802R5S/EM Datasheet
64Kb / 7P
   LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
More results

Similar Description - Z2802R5S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
   28V Input, Single/Dual Output
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
   28V Input, Single and Dual Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com