Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S72NS256PD0AJGGG3 Datasheet(PDF) 9 Page - SPANSION

Part # S72NS256PD0AJGGG3
Description  MirrorBit Flash Memory and DRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72NS256PD0AJGGG3 Datasheet(HTML) 9 Page - SPANSION

Back Button S72NS256PD0AJGGG3 Datasheet HTML 5Page - SPANSION S72NS256PD0AJGGG3 Datasheet HTML 6Page - SPANSION S72NS256PD0AJGGG3 Datasheet HTML 7Page - SPANSION S72NS256PD0AJGGG3 Datasheet HTML 8Page - SPANSION S72NS256PD0AJGGG3 Datasheet HTML 9Page - SPANSION S72NS256PD0AJGGG3 Datasheet HTML 10Page - SPANSION S72NS256PD0AJGGG3 Datasheet HTML 11Page - SPANSION S72NS256PD0AJGGG3 Datasheet HTML 12Page - SPANSION S72NS256PD0AJGGG3 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
S72NS-P_00_01 September 6, 2006
S72NS-P Based MCPs/PoPs
7
Data
Sheet
(Adv ance
I nf or mation)
5.
Ordering Information
The order number (Valid Combination) is formed by the following:
Notes:
1. Packing Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type designator from ordering part number.
3. Valid Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to confirm availability of specific valid
combinations and to check on newly released combinations.
S72NS
256
P
D0
AJ
B
L
G
3
PACKING TYPE
0 = Tray
2 = 7-inch Tape and Reel
3 = 13-inch Tape and Reel
FLASH and DDR SPEED
G = 66 MHz Flash, 133 MHz DDR DRAM
C = 80 MHz Flash, 133 MHz DDR DRAM
DDR SUPPLIER
G = DRAM Type 1 x16 DDR DRAM
L = DRAM Type 5 x16 DDR DRAM
PACKAGE MODIFIER
G = 133-ball, 11x10mm, FBGA MCP
B = 133-ball, 8x8mm, FBGA MCP
F = 128-ball, 12x12mm, FBGA PoP
PACKAGE AND MATERIAL TYPE
AJ = Thin profile Fine-pitch BGA Pb-free LF35 MCP (0.5 mm pitch)
KJ = Thin profile Fine-pitch BGA Pb-free PoP (0.65 mm pitch)
DDR DRAM AND DATA FLASH DENSITY
D0 = 128 Mb DRAM, No Data Flash
E0 = 256 Mb DRAM, No Data Flash
PROCESS TECHNOLOGY
P = 90 nm, MirrorBit
TM Technology
CODE FLASH DENSITY
512 = 512 Mb
256 = 256 Mb
128 = 128 Mb
PRODUCT FAMILY
S72NS Multi-Chip Product (MCP)
1.8 V Multiplexed, SRW, Burst Mode Flash and DDR DRAM on Split Bus
Valid Combinations
Product
Family
Code Flash
Density
(Mb)
Process
Technology
DRAM
Density
(Mb)
Package Type/
Material
DDR Vendor
Flash & DDR
Speed
Packing
Type
S72NS
128
P
D0
AJB, KJF
G, L
G, C
0, 2, 3
(Note 1)
256
G, C
512
AJG, KJF
D0, E0


Similar Part No. - S72NS256PD0AJGGG3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS256ND0-72 SPANSION-S72NS256ND0-72 Datasheet
584Kb / 17P
   Based MCPs
S72NS256ND0-73 SPANSION-S72NS256ND0-73 Datasheet
584Kb / 17P
   Based MCPs
S72NS256ND0-7J SPANSION-S72NS256ND0-7J Datasheet
584Kb / 17P
   Based MCPs
S72NS256ND0-7K SPANSION-S72NS256ND0-7K Datasheet
584Kb / 17P
   Based MCPs
S72NS256ND0AFW120 SPANSION-S72NS256ND0AFW120 Datasheet
584Kb / 17P
   Based MCPs
More results

Similar Description - S72NS256PD0AJGGG3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
AM70PDL127CDH SPANSION-AM70PDL127CDH Datasheet
1Mb / 127P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDLI27BDH SPANSION-AM70PDLI27BDH Datasheet
2Mb / 128P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com