Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29NS128N0SBJW000 Datasheet(PDF) 4 Page - SPANSION

Part # S29NS128N0SBJW000
Description  Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS128N0SBJW000 Datasheet(HTML) 4 Page - SPANSION

  S29NS128N0SBJW000 Datasheet HTML 1Page - SPANSION S29NS128N0SBJW000 Datasheet HTML 2Page - SPANSION S29NS128N0SBJW000 Datasheet HTML 3Page - SPANSION S29NS128N0SBJW000 Datasheet HTML 4Page - SPANSION S29NS128N0SBJW000 Datasheet HTML 5Page - SPANSION S29NS128N0SBJW000 Datasheet HTML 6Page - SPANSION S29NS128N0SBJW000 Datasheet HTML 7Page - SPANSION S29NS128N0SBJW000 Datasheet HTML 8Page - SPANSION S29NS128N0SBJW000 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
2
S29NS-N MirrorBit™ Flash Family
S29NS-N_00_A12 June 13, 2006
Da ta
Sheet
(A dv a n c e
I n f or ma ti on )
1.
General Description
The S29NS256N, S29NS128N and S29NS064N are 256 Mb, 128 Mb and 64Mb (respectively), 1.8 Volt-only,
Simultaneous Read/Write, Burst Mode Flash memory devices, organized as 16,777,216, 8,388,608, and
4,194,304 words of 16 bits each. These devices use a single VCC of 1.70 to 1.95 V to read, program, and
erase the memory array. A 9.0-volt ACC, may be used for faster program performance if desired. These
devices can also be programmed in standard EPROM programmers.
The devices are offered at the following speeds:
The devices operate within the temperature range of –25°C to
+85°C, and are offered in Very Thin FBGA packages.
1.1
Simultaneous Read/Write Operations with Zero Latency
The Simultaneous Read/Write architecture provides simultaneous operation by dividing the memory space
into sixteen banks. The device allows a host system to program or erase in one bank, then immediately and
simultaneously read from another bank, with zero latency. This releases the system from waiting for the
completion of program or erase operations. The devices are structured as shown in the following tables:
The VersatileIO™ (VIO) control allows the host system to set the voltage levels that the device generates at
its data outputs and the voltages tolerated at its data inputs to the same voltage level that is asserted on the
VCCQ pin.
The devices use Chip Enable (CE#), Write Enable (WE#), Address Valid (AVD#) and Output Enable (OE#) to
control asynchronous read and write operations. For burst operations, the devices additionally require Ready
(RDY) and Clock (CLK). This implementation allows easy interface with minimal glue logic to
microprocessors/microcontrollers for high performance read operations.
The devices offer complete compatibility with the JEDEC 42.4 single-power-supply Flash command set
standard. Commands are written to the command register using standard microprocessor write timings.
Reading data out of the device are similar to reading from other Flash or EPROM devices.
Clock Speed
Burst Access (ns)
Synch. Initial Access (ns)
Asynch. Initial Access (ns)
Output Loading
80 MHz
9
80
80
30 pF
66 MHz
11.0
80
80
S29NS256N
Bank 0-14 Sectors
Bank 15 Sectors
Quantity
Size
Quantity
Size
240
64 Kwords
4
16 Kwords
15
64 Kwords
240 Mb total
16 Mb total
S29NS128N
Bank 0-14 Sectors
Bank 15 Sectors
Quantity
Size
Quantity
Size
120
64 Kwords
4
16 Kwords
7
64 Kwords
120 Mb total
8 Mb total
S29NS064N
Bank 0-6 Sectors
Bank 7 Sectors
Quantity
Size
Quantity
Size
112
32 Kwords
4
8 Kwords
15
32 Kwords
56 Mbits
8 Mbits


Similar Part No. - S29NS128N0SBJW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS128N SPANSION-S29NS128N Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
More results

Similar Description - S29NS128N0SBJW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com