Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP11TAI012 Datasheet(PDF) 7 Page - SPANSION

Part # S29GL01GP11TAI012
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP11TAI012 Datasheet(HTML) 7 Page - SPANSION

Back Button S29GL01GP11TAI012 Datasheet HTML 3Page - SPANSION S29GL01GP11TAI012 Datasheet HTML 4Page - SPANSION S29GL01GP11TAI012 Datasheet HTML 5Page - SPANSION S29GL01GP11TAI012 Datasheet HTML 6Page - SPANSION S29GL01GP11TAI012 Datasheet HTML 7Page - SPANSION S29GL01GP11TAI012 Datasheet HTML 8Page - SPANSION S29GL01GP11TAI012 Datasheet HTML 9Page - SPANSION S29GL01GP11TAI012 Datasheet HTML 10Page - SPANSION S29GL01GP11TAI012 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
November 21, 2006 S29GL-P_00_A3
S29GL-P MirrorBit
TM Flash Family
5
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
1.
Ordering Information
The ordering part number is formed by a valid combination of the following:
Notes
1. Type 0 is standard. Specify other options as required.
2. TSOP package marking omits packing type designator from ordering part number.
3. BGA package marking omits leading “S29” and packing type designator from ordering part number.
4. Contact local sales representative for availability, and on the following part numbers: S29GL01GP12TFI010, S29GL01GP12FFI010,
S29GL01GP13TFIV10, S29GL01GP13FFIV10.
1.1
Recommended Combinations
Recommended Combinations list configurations planned to be supported in volume for this device. Consult
your local sales office to confirm availability of specific recommended combinations and to check on newly
released combinations.
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
10
F
A
I
01
0
PACKING TYPE
0
= Tray (standard; see (Note 1)
2
= 7” Tape and Reel
3
= 13” Tape and Reel
MODEL NUMBER (VIO range, protection when WP# =VIL)
01 = VIO = VCC = 2.7 to 3.6 V, highest address sector protected
02 = VIO = VCC = 2.7 to 3.6 V, lowest address sector protected
V1 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6 V, highest address sector protected
V2 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6 V, lowest address sector protected
R1 = VIO = VCC = 3.0 to 3.6 V, highest address sector protected
R2 = VIO = VCC = 3.0 to 3.6 V, lowest address sector protected
TEMPERATURE RANGE
I
= Industrial (–40°C to +85°C)
PACKAGE MATERIALS SET
A= Pb (Note 4)
F
= Pb-free
PACKAGE TYPE
T
= Thin Small Outline Package (TSOP) Standard Pinout
F
= Fortified Ball Grid Array, 1.0 mm pitch package
SPEED OPTION
11 = 110 ns
12 = 120 ns
13 = 130 ns
DEVICE NUMBER/DESCRIPTION
S29GL01GP, S29GL512P, S29GL256P, S29GL128P
3.0 Volt-only, 1024, 512, 256 and 128 Megabit (32 M x 16-Bit/64 M x 8-Bit) Page-Mode Flash Memory
Manufactured on 90 nm MirrorBit
TM process technology
S29GL-P Valid Combinations
Package Description
1Gb
Speed (ns)
Package &
Temperature
Model Number
Pack Type
S29GL01GP
11
TAI , TFI
(Note 4)
R1, R2
0, 3 (Note 1)
TS056 (TSOP) (Note 2)
12
01 (Note 4), 02
13
V1 (Note 4), V2
11
FAI , FFI
(Note 4)
R1, R2
0, 2, 3 (Note 1)
LAA064 (Fortified BGA) (Note 3)
12
01 (Note 4), 02
13
V1 (Note 4), V2
S29GL512P,
S29GL256P,
S29GL128P
(Note 4)


Similar Part No. - S29GL01GP11TAI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GP11TAI012 SPANSION-S29GL01GP11TAI012 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Similar Description - S29GL01GP11TAI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com