Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADCSM0012SMB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MADCSM0012SMB
Description  PCS LNA / Downconverter 1800-2000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0012SMB Datasheet(HTML) 3 Page - Tyco Electronics

  MADCSM0012SMB Datasheet HTML 1Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 2Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 3Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 4Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 5Page - Tyco Electronics MADCSM0012SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PCS LNA/Downconverter
1800-2000 MHz
MADCSM0012
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
Operating Instructions
Recommended PCB Configuration
M/A-COM’s MADCSM0012 is a highly integrated
MMIC LNA/downconverter for operation in the
1800-2000 MHz PCS frequency band.
The
downconverter
provides
exceptional
RF
performance while consuming low DC current and
is packaged in a low cost plastic package. It is ideal
for lightweight battery operated portable radio
systems.
The MADCSM0012 consists of an LNA, RFA,
single-ended mixer and single-ended IF output
buffer as shown in the block diagram. Surface
mount resistors, inductors and capacitors are used
in conjunction with the LNA/downconverter to
optimize the trade-offs among
performance,
tunability and ease of use.
The sample board
schematic shows the LNA/downconverter and
required off-chip components.
The input of the LNA is matched externally with a
series inductor (L1) and a shunt capacitor (C1) to
provide a low loss match to the optimum noise
impedance in the band of interest.
A high Q
inductor such as Coilcraft’s 0402CS series must be
used if the specified noise figures are to be
achieved.
The series capacitor, C2, is a DC
blocking and input matching capacitor. The LNA is
nominally biased with 15 mA to give an input IP3 of
+6 dBm. An external resistor, R1, may be used to
increase the LNA bias current and thus increase
the IP3. An external image reject filter is required
between the LNA output and RFA input to
prevent downconversion of noise at the image
frequency to the IF. This filter should have a 50-
ohm input and output impedance.
The mixer is a single-ended floating FET mixer that
provides exceptional linearity and isolation with low
loss and no DC current. An off-chip inductor, L3, is
required to match the output of the mixer to the
input of the IF buffer amplifier. The case size of L3
is typically 0603 but if more gain is needed, use a
0805 case size.
The LO input port is matched on-chip to 50 ohms.
An LO buffer amplifier amplifies the -10 dBm input
signal to the level required to drive the mixer.
Performance is optimum with a drive level of -7
dBm.
All DC supply lines must be properly bypassed at
RF frequencies to obtain optimum performance
and at lower frequency to maintain unconditional
stability. Capacitors C4, C5, C6, C7 and C9 are
RF bypass capacitors for the LNA, RFA and LOA.
The value and placement of these capacitors is
critical in determining the frequency response of
these amplifiers. Capacitor C3 is a source bypass
capacitor for the second stage of the low noise
amplifier.
The placement of this capacitor will
affect the gain of the LNA. For best performance,
all the RF bypass capacitors should be placed as
close to the device as possible.
The IF output port is the open drain of the IF buffer
amplifier. This allows maximum flexibility of the
intermediate frequency and also IF filter.
A
matching network such as that shown herein can
be used to match to 50 ohms from the output
impedance of the buffer to the input impedance of
the filter at the 210 MHz intermediate frequency.
The inductor also acts as a choke for the DC
supply line.
Elements L2 and C8 provide the
necessary impedance transformation.


Similar Part No. - MADCSM0012SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADCSM0011 MACOM-MADCSM0011 Datasheet
167Kb / 5P
   Dual Mode Cellular Downconverter 869 - 893 MHz
MADCSM0011SMB MACOM-MADCSM0011SMB Datasheet
167Kb / 5P
   Dual Mode Cellular Downconverter 869 - 893 MHz
MADCSM0011TR MACOM-MADCSM0011TR Datasheet
167Kb / 5P
   Dual Mode Cellular Downconverter 869 - 893 MHz
More results

Similar Description - MADCSM0012SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD59-0049 MACOM-MD59-0049 Datasheet
353Kb / 10P
   PCS CDMA LNA/Downconverter 1.80-2.0 GHz
MD59-0021 MACOM-MD59-0021 Datasheet
123Kb / 5P
   PCS CDMA LNA / Downconverter 1.8-2.0 GHz
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
   1800-2000 MHz. Linear Power Amplifier
logo
TriQuint Semiconductor
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
logo
Texas Instruments
TRF4000 TI-TRF4000 Datasheet
102Kb / 8P
[Old version datasheet]   PCS RF DOWNCONVERTER
logo
RF Micro Devices
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
   3V PCS DOWNCONVERTER
logo
Tyco Electronics
MD59-0043 MACOM-MD59-0043 Datasheet
333Kb / 10P
   Highly Linear LNA/Downconverter 800-900 MHz
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
   I/Q Modulator/Demodulator 1800-2000 MHz
MAMXES0009 MACOM-MAMXES0009 Datasheet
138Kb / 2P
   E-Series Surface Mount Mixer 1800-2000 MHz
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
   Ultra Linear Driver Amplifier 1800 to 2000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com