Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF378 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF378
Description  VHF push-pull power MOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF378 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF378 Datasheet HTML 6Page - NXP Semiconductors BLF378 Datasheet HTML 7Page - NXP Semiconductors BLF378 Datasheet HTML 8Page - NXP Semiconductors BLF378 Datasheet HTML 9Page - NXP Semiconductors BLF378 Datasheet HTML 10Page - NXP Semiconductors BLF378 Datasheet HTML 11Page - NXP Semiconductors BLF378 Datasheet HTML 12Page - NXP Semiconductors BLF378 Datasheet HTML 13Page - NXP Semiconductors BLF378 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1998 Jul 29
10
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF378
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines L1, L3 to L13, L18 to L22 and L24 are on a double copper-clad printed-circuit board with glass
microfibre PTFE dielectric (
εr = 2.2); thickness 116 inch; thickness of copper sheet 2 × 35 µm.
3. Semi-rigid cables L2 and L23 are soldered on to striplines L1 and L24.
L18, L19
stripline; note 2
43
6
× 13 mm
L20, L21
stripline; note 2
43
6
× 29.5 mm
R1
metal film resistor
4
× 0.4 W, 10 Ω
R2, R7
10 turns potentiometer
50 k
R3, R6
metal film resistor
0.4 W, 1 k
R4, R5
metal film resistor
2
× 0.4 W,
5.62
Ω in parallel
R8, R9
metal film resistor
1 W, 10
Ω, ±5%
R10
metal film resistor
4
× 1W,10 Ω in
parallel
R11
metal film resistor
1 W, 5.11 k
IC1
voltage regulator 78L05
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.


Similar Part No. - BLF378

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLF378 ASI-BLF378 Datasheet
22Kb / 1P
   POWER MOSFET
More results

Similar Description - BLF378

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF245B PHILIPS-BLF245B Datasheet
94Kb / 12P
   VHF push-pull power MOS transistor
September 1992
BLF368 PHILIPS-BLF368 Datasheet
132Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF248_2015 JMNIC-BLF248_2015 Datasheet
89Kb / 13P
   VHF push-pull power MOS transistor
logo
eleflow technologies co...
BLF248 ELEFLOW-BLF248 Datasheet
90Kb / 2P
   VHF push-pull power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF368_2015 JMNIC-BLF368_2015 Datasheet
112Kb / 16P
   VHF push-pull power MOS transistor
logo
NXP Semiconductors
BLF248 PHILIPS-BLF248 Datasheet
105Kb / 13P
   VHF push-pull power MOS transistor
September 1992
logo
Quanzhou Jinmei Electro...
BLF278_2015 JMNIC-BLF278_2015 Datasheet
141Kb / 21P
   VHF push-pull power MOS transistor
BLF245B_2015 JMNIC-BLF245B_2015 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF245B JMNIC-BLF245B_15 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF246B JMNIC-BLF246B_15 Datasheet
99Kb / 16P
   VHF push-pull power MOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com