Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29PL-J70BAI000 Datasheet(PDF) 4 Page - SPANSION

Part # S29PL-J70BAI000
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J70BAI000 Datasheet(HTML) 4 Page - SPANSION

  S29PL-J70BAI000 Datasheet HTML 1Page - SPANSION S29PL-J70BAI000 Datasheet HTML 2Page - SPANSION S29PL-J70BAI000 Datasheet HTML 3Page - SPANSION S29PL-J70BAI000 Datasheet HTML 4Page - SPANSION S29PL-J70BAI000 Datasheet HTML 5Page - SPANSION S29PL-J70BAI000 Datasheet HTML 6Page - SPANSION S29PL-J70BAI000 Datasheet HTML 7Page - SPANSION S29PL-J70BAI000 Datasheet HTML 8Page - SPANSION S29PL-J70BAI000 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
2
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
General Description
The PL127J/PL129J/PL064J/PL032J is a 128/128/64/32 Mbit, 3.0 volt-only Page Mode and Simultaneous
Read/Write Flash memory device organized as 8/8/4/2 Mwords. The devices are offered in the following
packages:
– 11 mm x 8 mm, 80-ball Fine-pitch BGA standalone (PL127J)
– 8 mm x 11.6 mm, 64-ball Fine-pitch BGA multi-chip compatible (PL127J)
– 8.15 mm x 6.15 mm, 48-ball Fine-pitch BGA standalone (PL064J/PL032J)
– 7 mm x 9 mm, 56-ball Fine-pitch BGA multi-chip compatible (PL064J and PL032J)
– 20 mm x 14 mm, 56-pin TSOP (PL127J)
The word-wide data (x16) appears on DQ15-DQ0. This device can be programmed in-system or in standard
EPROM programmers. A 12.0 V VPP is not required for write or erase operations.
The device offers fast page access times of 20 to 30 ns, with corresponding random access times of 55 to
70 ns, respectively, allowing high speed microprocessors to operate without wait states. To eliminate bus
contention the device has separate chip enable (CE#), write enable (WE#) and output enable (OE#) controls.
Note: Device PL129J has 2 chip enable inputs (CE1#, CE2#).


Similar Part No. - S29PL-J70BAI000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29PL-J CYPRESS-S29PL-J Datasheet
7Mb / 101P
   128-/128-/64-/32-Mbit (8/8/4/2M x 16-Bit) 3V, Flash with Enhanced VersatileIO
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results

Similar Description - S29PL-J70BAI000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL127J SPANSION-S29PL127J Datasheet
1Mb / 106P
   CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL064J70BFI120 SPANSION-S29PL064J70BFI120 Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM29PDL640G SPANSION-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL640G AMD-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com