Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70WS512N00BAWA30 Datasheet(PDF) 9 Page - SPANSION

Part # S70WS512N00BAWA30
Description  Same-Die Stacked Multi-Chip Product (MCP) 512 Megabit (32M x 16 bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst-mode Flash Memory
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S70WS512N00BAWA30 Datasheet(HTML) 9 Page - SPANSION

Back Button S70WS512N00BAWA30 Datasheet HTML 5Page - SPANSION S70WS512N00BAWA30 Datasheet HTML 6Page - SPANSION S70WS512N00BAWA30 Datasheet HTML 7Page - SPANSION S70WS512N00BAWA30 Datasheet HTML 8Page - SPANSION S70WS512N00BAWA30 Datasheet HTML 9Page - SPANSION S70WS512N00BAWA30 Datasheet HTML 10Page - SPANSION S70WS512N00BAWA30 Datasheet HTML 11Page - SPANSION S70WS512N00BAWA30 Datasheet HTML 12Page - SPANSION S70WS512N00BAWA30 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
March 14, 2005 S70WS512N00_00_A0
S70WS512N00 Based MCPs
7
Advance
Information
1
Product Selector Guide
Note: 0 (Protected), 1 (Unprotected [Default State])
Device
Model
Numbers
Flash
Flash
Speed
(MHz)
DYB
Power-Up
State
(See Note)
Package
(mm)
S70WS512N00
A2
2 x WS256N
66 MHz
0 (protected)
TSB084
11.6x8.0x1.2
A2
1 (unprotected)
A3
54 Mhz
0 (protected)
AB
1 (unprotected)


Similar Part No. - S70WS512N00BAWA30

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
   SMT POGO PIN CONTACT PAD
S70-138181045R HARWIN-S70-138181045R Datasheet
63Kb / 1P
   SMT POGO PIN CONTACT PAD
S70-138305045R HARWIN-S70-138305045R Datasheet
63Kb / 1P
   SMT POGO PIN CONTACT PAD
S70-220101045R HARWIN-S70-220101045R Datasheet
67Kb / 1P
   SMT POGO PIN CONTACT PAD
S70-220102045R HARWIN-S70-220102045R Datasheet
67Kb / 1P
   SMT POGO PIN CONTACT PAD
More results

Similar Description - S70WS512N00BAWA30

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com