Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S72WS256PD0KF01G2 Datasheet(PDF) 3 Page - SPANSION

Part # S72WS256PD0KF01G2
Description  based MCP/PoP Products
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS256PD0KF01G2 Datasheet(HTML) 3 Page - SPANSION

  S72WS256PD0KF01G2 Datasheet HTML 1Page - SPANSION S72WS256PD0KF01G2 Datasheet HTML 2Page - SPANSION S72WS256PD0KF01G2 Datasheet HTML 3Page - SPANSION S72WS256PD0KF01G2 Datasheet HTML 4Page - SPANSION S72WS256PD0KF01G2 Datasheet HTML 5Page - SPANSION S72WS256PD0KF01G2 Datasheet HTML 6Page - SPANSION S72WS256PD0KF01G2 Datasheet HTML 7Page - SPANSION S72WS256PD0KF01G2 Datasheet HTML 8Page - SPANSION S72WS256PD0KF01G2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not design
in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S72WS-P_00
Revision A
Amendment 4
Issue Date May 29, 2006
Features
Power supply voltage of 1.7 to 1.95V
Flash access time: 80 ns for NOR Flash, 25 ns for ORNAND
Flash
Flash burst frequencies: 66 MHz, 80 MHz, 108 MHz
Mobile SDRAM burst frequency: 104 MHz (SDR), 133 MHz
(DDR)
Package:
9.0 x 12.0 mm MCP
11.0 x 13.0 mm MCP
15.0 x 15.0 mm Package-on-Package (PoP)
Operating Temperature
–25°C to +85°C (wireless)
The S72WS series is a product line of stacked packages and consists of:
One or two NOR flash memory die
One NAND Interface ORNAND die
Separate bus for one or more Mobile SDRAM die
The products covered by this document are listed in the table below.
Note:
For a full list of OPNs, please contact the local sales representative or refer to the Ordering Information valid combinations tables.
For detailed specifications, please refer to the individual data sheets.
S72WS-P based MCP/PoP Products
1.8 Volt-only x16 Flash Memory and SDRAM on Split Bus
Simultaneous Read/Write, Burst Mode NOR Flash
NAND Flash or NAND Interface ORNAND
Flash
on Bus 1 Mobile SDRAM on Bus 2
Data Sheet (Advance Information)
Device
NOR Flash Density
ORNANDFlash
Density
NAND Flash Density
DRAM Density
512Mb
256Mb
128Mb
1024Mb
512Mb
512Mb
512Mb
256Mb
128Mb
S72WS256PD0 (MCP)
X
X (DDR)
S72WS256PD0 (POP)
X
X (DDR)
S72WS512PE0 (MCP)
X
X (SDR)
S72WS512PEF (POP)
X
X
X (SDR)
S72WS512PEF (POP)
X
X
X (SDR)
S72WS512PFF (MCP)
X
X
X (DDR)
S72WS512PFF (POP)
X
X
X (DDR)
S72WS512PFF (MCP)
X
X
X (DDR)
S72WS512PFF (POP)
X
X
X (DDR)
S72WS512PFG (MCP)
X
X
X (DDR)
S72WS512PFG (POP)
X
X
X (DDR)
Document
Publication Identification Number (PID)
S29WS-P
S29WS-P_00
S30MS-P
S30MS-P_00
128 Mb Mobile DDR-DRAM Type 5
SDRAM_07
256 Mb Mobile SDR-DRAM Type 2
SDRAM_05
512 Mb Mobile DDR-DRAM Type 1
SDRAM_09
512 Mb Mobile SDR-DRAM Type 4
SDRAM_06
512 Mb NAND Type 1
NAND_01
512 Mb Mobile DDR-DRAM Type 5
DRAM_04


Similar Part No. - S72WS256PD0KF01G2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72WS256ND0 SPANSION-S72WS256ND0 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAW4Y0 SPANSION-S72WS256ND0BAW4Y0 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAW4Y2 SPANSION-S72WS256ND0BAW4Y2 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAW4Y3 SPANSION-S72WS256ND0BAW4Y3 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAWB7 SPANSION-S72WS256ND0BAWB7 Datasheet
977Kb / 30P
   Based MCP/PoP Products
More results

Similar Description - S72WS256PD0KF01G2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
   based MCP/PoP Products
S72WS-N SPANSION-S72WS-N Datasheet
977Kb / 30P
   Based MCP/PoP Products
S75WS-P SPANSION-S75WS-P Datasheet
463Kb / 15P
   based MCP/POP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com