Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT91215A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NT91215A
Description  Tone/Pulse Dialer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT91215A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NT91215A Datasheet HTML 5Page - List of Unclassifed Manufacturers NT91215A Datasheet HTML 6Page - List of Unclassifed Manufacturers NT91215A Datasheet HTML 7Page - List of Unclassifed Manufacturers NT91215A Datasheet HTML 8Page - List of Unclassifed Manufacturers NT91215A Datasheet HTML 9Page - List of Unclassifed Manufacturers NT91215A Datasheet HTML 10Page - List of Unclassifed Manufacturers NT91215A Datasheet HTML 11Page - List of Unclassifed Manufacturers NT91215A Datasheet HTML 12Page - List of Unclassifed Manufacturers NT91215A Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NT91214/15 Series
9V1.0
Pin Descriptions (continued)
Pin No.
NT91215A
NT91214A
NT91215B
NT91214B
NT91215C
NT91214C
NT91215D
NT91214D
Designation
I/O
Description
8899
XMITMUTE
O
Dialing transmission mute output
This is an N-channel open drain output
The XMITMUTE is normally "OFF"
During pulse of DTMF dialing this
output is "ON".
(N.A.)
9
(N.A.)
10
MODE OUT
O
Mode output pin
This is an N-channel, open drain output
It is "ON" during tone output and "OFF"
during pulse output.
13
15
14
16
R1
Keyboard pins
14
16
15
17
R2
This input serves as the interface to an
XY matrix keyboard. On a 4 x 4 matrix
15
17
16
18
R3
keyboard, the input from the fourth
column, C4 , should be connected to
16
18
17
19
R4
VSS.
10
12
11
13
C1
11
13
12
14
C2
12
14
13
15
C3
6677
VDD
Power supply pins
5566
VSS
These devices are designed to operate
from 2.0V to 5.5V.


Similar Part No. - NT91215A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT91315AL ETC-NT91315AL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT91315BL ETC-NT91315BL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT91315CL ETC-NT91315CL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT91315DL ETC-NT91315DL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
   Microcontroller for Monitor
More results

Similar Description - NT91215A

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
   TONE/PULSE DIALER
UM91214 UMC-UM91214 Datasheet
817Kb / 13P
   Tone / Pulse Dialer
logo
ELAN Microelectronics C...
HM91710A EMC-HM91710A Datasheet
131Kb / 19P
   TONE/PULSE SWITCHABLE DIALER
EM91710 EMC-EM91710 Datasheet
159Kb / 19P
   TONE/PULSE SWITCHABLE DIALER
logo
Sharp Corporation
LR48061 SHARP-LR48061 Datasheet
598Kb / 10P
   Pulse/Tone Dialer LSI
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
Holtek Semiconductor In...
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
   1-memory Tone/Pulse Dialer
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
   20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
   22-Memory Tone/Pulse Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com