Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29WS128PABBFW000 Datasheet(PDF) 10 Page - SPANSION

Part # S29WS128PABBFW000
Description  512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS128PABBFW000 Datasheet(HTML) 10 Page - SPANSION

Back Button S29WS128PABBFW000 Datasheet HTML 6Page - SPANSION S29WS128PABBFW000 Datasheet HTML 7Page - SPANSION S29WS128PABBFW000 Datasheet HTML 8Page - SPANSION S29WS128PABBFW000 Datasheet HTML 9Page - SPANSION S29WS128PABBFW000 Datasheet HTML 10Page - SPANSION S29WS128PABBFW000 Datasheet HTML 11Page - SPANSION S29WS128PABBFW000 Datasheet HTML 12Page - SPANSION S29WS128PABBFW000 Datasheet HTML 13Page - SPANSION S29WS128PABBFW000 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
8
S29WS-P
S29WS-P_00_A7 November 8, 2006
Data
Sheet
(Adv ance
I nf or m a tion)
3.
Block Diagrams
Notes:
1. Amax-A0 = A24-A0 for the WS512P, A23-A0 for the WS256P, and A22-A0 for the WS128P.
2. n = 15 for WS512P / WS256P / WS128P.
4.
Physical Dimensions/Connection Diagrams
This section shows the I/O designations and package specifications for the #.
4.1
Related Documents
The following documents contain information relating to the S29WS-P devices. Click on the title or go to
www.spansion.com to download the PDF file, or request a copy from your sales office.
Considerations for X-ray Inspection of Surface-Mounted Flash Integrated Circuits
4.2
Special Handling Instructions for FBGA Package
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning methods. The
package and/or data integrity may be compromised if the package body is exposed to temperatures above
150°C for prolonged periods of time.
VSS
VCC
Bank Address
RESET#
ACC
WE#
CEx#
AVD#
RDY
DQ15–DQ0
WP#
STATE
CONTROL
&
COMMAND
REGISTER
Bank 1
X-Decoder
Bank 0
X-Decoder
DQ15–DQ0
DQ15–DQ0
DQ15–DQ0
DQ15–DQ0
DQ15–DQ0
Bank (n-1)
X-Decoder
Bank (n)
X-Decoder
OE#
Status
Control
Amax–A0
Amax–A0
Amax–A0
Amax–A0
Bank Address
Bank Address
Bank Address
VCCQ


Similar Part No. - S29WS128PABBFW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS128PABBFW000 SPANSION-S29WS128PABBFW000 Datasheet
3Mb / 94P
   MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
More results

Similar Description - S29WS128PABBFW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS-P SPANSION-S29WS-P_07 Datasheet
3Mb / 94P
   MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
logo
Cypress Semiconductor
S29WS512P CYPRESS-S29WS512P Datasheet
1,002Kb / 91P
   512/256/128 Mb (32/16/8 M x 16 bit), 1.8 V, Simultaneous Read/Write Flash
logo
SPANSION
S29PL-N SPANSION-S29PL-N Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com