Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL032JC0BAW0Z3 Datasheet(PDF) 11 Page - SPANSION

Part # S71PL032JC0BAW0Z3
Description  Based MCPs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL032JC0BAW0Z3 Datasheet(HTML) 11 Page - SPANSION

Back Button S71PL032JC0BAW0Z3 Datasheet HTML 7Page - SPANSION S71PL032JC0BAW0Z3 Datasheet HTML 8Page - SPANSION S71PL032JC0BAW0Z3 Datasheet HTML 9Page - SPANSION S71PL032JC0BAW0Z3 Datasheet HTML 10Page - SPANSION S71PL032JC0BAW0Z3 Datasheet HTML 11Page - SPANSION S71PL032JC0BAW0Z3 Datasheet HTML 12Page - SPANSION S71PL032JC0BAW0Z3 Datasheet HTML 13Page - SPANSION S71PL032JC0BAW0Z3 Datasheet HTML 14Page - SPANSION S71PL032JC0BAW0Z3 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
March 17, 2006 S71PL-J_00_B3
S71PL-J Based MCPs
9
Advance
Information
Connection Diagram (S71PL254J)
Notes:
1. May be shared depending on density.
— A21 is shared for the 64M pSRAM configuration.
— A20 is shared for the 32M pSRAM configuration.
2. Connecting all Vcc & Vss balls to Vcc & Vss is recommended.
Special Handling Instructions For FBGA Package
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultra-
sonic cleaning methods. The package and/or data integrity may be compromised
if the package body is exposed to temperatures above 150°C for prolonged peri-
ods of time.
MCP
Flash-only Addresses
Shared Addresses
S71PL254JC0
A22
A21-A0
E4
UB#
F4
A18
G4
A17
H4
DQ1
J4
DQ9
DQ10
D4
E6
CE2s
A20
J6
DQ4
VCCs
D6
E7
A19
F7
A9
G7
A10
H7
DQ6
J7
DQ13
DQ12
D7
E5
RST#f
RY/BY#
J5
DQ3
VCCf
D5
E8
A12
F8
A13
G8
A14
H8
RFU
J8
DQ15
DQ7
D8
E9
F9
A21
G9
A22
H9
A16
J9
RFU
VSS
E3
A6
F3
A5
G3
A4
H3
VSS
J3
OE#
DQ0
CE1#s
D3
E2
F2
A2
G2
A1
H2
A0
J2
CE#f1
H6
H5
RAM only
Shared
(Note 1)
Flash only
Legend
Reserved for
Future Use
A3
D2
A15
D9
A1
NC
A10
NC
M1
M10
NC
NC
C4
LB#
WE#
C7
A8
WP/ACC
C8
A11
C9
RFU
C3
A7
C2
RFU
C6
C5
B4
RFU
RFU
B7
RFU
CE#F2
B8
RFU
B9
RFU
B3
RFU
B2
RFU
B6
B5
L4
RFU
RFU
L7
RFU
VCCf
L8
RFU
L9
RFU
L3
RFU
L2
RFU
L6
L5
K4
DQ2
RFU
K7
DQ5
DQ11
K8
DQ14
K9
RFU
K3
DQ8
K2
RFU
K6
K5
RFU
RFU
H6
H5
RFU
RFU
H6
H5
2nd Flash Only
84-ball Fine-Pitch Ball Grid Array
(Top View, Balls Facing Down)


Similar Part No. - S71PL032JC0BAW0Z3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL032J SPANSION-S71PL032J Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL032J04 SPANSION-S71PL032J04 Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL032J04 SPANSION-S71PL032J04 Datasheet
726Kb / 22P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71PL032J04-0B SPANSION-S71PL032J04-0B Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL032J04-0F SPANSION-S71PL032J04-0F Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
More results

Similar Description - S71PL032JC0BAW0Z3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS-N SPANSION-S72NS-N Datasheet
584Kb / 17P
   Based MCPs
S71GS256 SPANSION-S71GS256 Datasheet
2Mb / 195P
   128N based MCPs
S71PL-N SPANSION-S71PL-N Datasheet
279Kb / 14P
   MirrorBit MCPs
logo
List of Unclassifed Man...
POLYPAD1000 ETC2-POLYPAD1000 Datasheet
455Kb / 2P
   Polyester based
POLYPADK-10 ETC2-POLYPADK-10 Datasheet
558Kb / 2P
   Polyester based
logo
PHOENIX CONTACT
2891161 PHOENIX-2891161 Datasheet
60Kb / 5P
   Secure web-based and SNMP-based management
logo
List of Unclassifed Man...
POLYPAD400 ETC2-POLYPAD400 Datasheet
473Kb / 2P
   Polyester based
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
PHOENIX CONTACT
2891062 PHOENIX-2891062 Datasheet
69Kb / 4P
   Secure web-based and SNMP-based management
logo
ATMEL Corporation
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
   Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com