Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT91214D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NT91214D
Description  Tone/Pulse Dialer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT91214D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NT91214D Datasheet HTML 1Page - List of Unclassifed Manufacturers NT91214D Datasheet HTML 2Page - List of Unclassifed Manufacturers NT91214D Datasheet HTML 3Page - List of Unclassifed Manufacturers NT91214D Datasheet HTML 4Page - List of Unclassifed Manufacturers NT91214D Datasheet HTML 5Page - List of Unclassifed Manufacturers NT91214D Datasheet HTML 6Page - List of Unclassifed Manufacturers NT91214D Datasheet HTML 7Page - List of Unclassifed Manufacturers NT91214D Datasheet HTML 8Page - List of Unclassifed Manufacturers NT91214D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
NT91214/15 Series
V1.0
2
Keyboard Assignments
123
F1
R1
456
F2
R2
789
P
R3
*/T
0
#
RD
R4
C1
C2
C3
GND
1. */T -- In PULSE mode this key works as Pulse
→ DTMF key (T key). In DTMF mode the key works as * key.
*/T key will occupy one memory digit in either use.
2. F1 -- Flash key. The break time is 297 ms or 96 ms (NT91214/15 respectively)
3. F2 -- Flash key for break time 640 ms
4. P
-- Pause key (2.2 seconds)
5. RD -- One key redial key
6. #
-- In PULSE mode this key input is neglected. In DTMF mode this key works as # key.
Block Diagram


Similar Part No. - NT91214D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT91315AL ETC-NT91315AL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT91315BL ETC-NT91315BL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT91315CL ETC-NT91315CL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT91315DL ETC-NT91315DL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
   Microcontroller for Monitor
More results

Similar Description - NT91214D

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
   TONE/PULSE DIALER
UM91214 UMC-UM91214 Datasheet
817Kb / 13P
   Tone / Pulse Dialer
logo
ELAN Microelectronics C...
HM91710A EMC-HM91710A Datasheet
131Kb / 19P
   TONE/PULSE SWITCHABLE DIALER
EM91710 EMC-EM91710 Datasheet
159Kb / 19P
   TONE/PULSE SWITCHABLE DIALER
logo
Sharp Corporation
LR48061 SHARP-LR48061 Datasheet
598Kb / 10P
   Pulse/Tone Dialer LSI
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
Holtek Semiconductor In...
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
   1-memory Tone/Pulse Dialer
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
   20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
   22-Memory Tone/Pulse Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com