Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTC-2T18 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TTC-2T18
Description  1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TTC-2T18 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TTC-2T18 Datasheet HTML 1Page - List of Unclassifed Manufacturers TTC-2T18 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

××××      

        
     
 !"  !   #  !  
$ !  %& '& (%)*+% *+% !
 #" ! 
 # ,-. #/  /'0) !#! 
. 1%/+  #   
1    +23 !$ # 
 4-5  
       





 
 
1
6
'
,
7 
7
)+0
8
  

')0
)%
8  
λ
6

(

9  9 ! 7
7
/+
/'
:
 1   /

/+)+
/+)'0

 1   /

/+)+(
/)

9  4 ! ; 
+
:
9 ! ;-

+)6
6)

9 ! < -

+)6
6)

   != 
=
+)%
 /
; = 
;=
)%
)%
 /
                    !"    !
 !   !  !
# $ % ! !&  %  !  '(    !) * 
      





 
 
1

,
7 
7
)%0
8
  

')0
)%
 9   >

/+)+
/+)'0

 9   /

/+)+(
/)

  ! 9   /

/+)+
/+)'0

  ! 9   /

/+)+(
/)

;-

+)6
%)%

< -

+)6
%)%

  !  

)'
 /
   != 
=
+)
 /
; = 
;=
)%
%)+'
 /
 
/6
/%0
:
1   
7
:


Similar Part No. - TTC-2T18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
More results

Similar Description - TTC-2T18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815DZ AVAGO-AFCT-5815DZ Datasheet
134Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Broadcom Corporation.
AFBR-5805Z BOARDCOM-AFBR-5805Z Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5805AZ AVAGO-AFBR-5805AZ Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
List of Unclassifed Man...
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
   1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
logo
Applied Micro Circuits ...
S3031B AMCC-S3031B Datasheet
244Kb / 26P
   E4/STM-1/OC-3 ATM TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com