Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S30MS512P25TFW500 Datasheet(PDF) 9 Page - SPANSION

Part # S30MS512P25TFW500
Description  1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on MirrorBit??Technology
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S30MS512P25TFW500 Datasheet(HTML) 9 Page - SPANSION

Back Button S30MS512P25TFW500 Datasheet HTML 5Page - SPANSION S30MS512P25TFW500 Datasheet HTML 6Page - SPANSION S30MS512P25TFW500 Datasheet HTML 7Page - SPANSION S30MS512P25TFW500 Datasheet HTML 8Page - SPANSION S30MS512P25TFW500 Datasheet HTML 9Page - SPANSION S30MS512P25TFW500 Datasheet HTML 10Page - SPANSION S30MS512P25TFW500 Datasheet HTML 11Page - SPANSION S30MS512P25TFW500 Datasheet HTML 12Page - SPANSION S30MS512P25TFW500 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
August 4, 2006 S30MS-P_00_A7
S30MS-P ORNANDTM Flash Family
7
Da ta
Shee t
(Prelim i nar y )
3.
Physical Dimensions
3.1
VBP137—137-Ball Fine Pitch Ball Grid Array (FBGA)
0.08
M
MC A B
C
C
C
6
b
0.15
SIDE VIEW
137X
0.08
7
SE
E1
D1
10
9
8
6
4
5
2
1
3
e
7
e
A
CORNER
PIN A1
C
D
E
F
G
H
J
K
L
M
N
7
SD
BOTTOM VIEW
P
C
B
A
D
E
0.15
(2X)
C
B
C
0.15
(2X)
9
TOP VIEW
PIN A1
CORNER
A2
A
INDEX MARK
A1
0.10
3549 \ 16-038.25 \ 2.16.6
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. BALL POSITION DESIGNATION PER JESD 95-1, SPP-010 (EXCEPT
AS NOTED).
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5. SYMBOL "MD" IS THE BALL ROW MATRIX SIZE IN THE
"D" DIRECTION.
SYMBOL "ME" IS THE BALL COLUMN MATRIX SIZE IN THE
"E" DIRECTION.
N IS THE TOTAL NUMBER OF SOLDER BALLS.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS
A AND B AND DEFINE THE POSITION OF THE CENTER
SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN
THE OUTER ROW PARALLEL TO THE D OR E DIMENSION,
RESPECTIVELY, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN
THE OUTER ROW, SD OR SE = e/2
8. NOT USED.
9. "+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
PACKAGE
VBP 137
JEDEC
N/A
13.00 mm x 11.00 mm NOM
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.00
OVERALL THICKNESS
A1
0.17
---
---
BALL HEIGHT
A2
0.60
---
0.76
BODY THICKNESS
D
13.00 BSC.
BODY SIZE
E
11.00 BSC.
BODY SIZE
D1
10.40 BSC.
BALL FOOTPRINT
E1
7.20 BSC.
BALL FOOTPRINT
MD
14
ROW MATRIX SIZE D DIRECTION
ME
10
ROW MATRIX SIZE E DIRECTION
N
137
TOTAL BALL COUNT
φb
0.35
0.40
0.45
BALL DIAMETER
e
0.80 BSC.
BALL PITCH
SD / SE
0.40 BSC.
SOLDER BALL PLACEMENT
G5,H5,H6
DEPOPULATED SOLDER BALLS


Similar Part No. - S30MS512P25TFW500

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S30M45C MOSPEC-S30M45C Datasheet
161Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M45F MOSPEC-S30M45F Datasheet
164Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M60C MOSPEC-S30M60C Datasheet
152Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M60F MOSPEC-S30M60F Datasheet
165Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
More results

Similar Description - S30MS512P25TFW500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
Integrated Silicon Solu...
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
SPANSION
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com