Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA202AIDGKRG4 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA202AIDGKRG4
Description  High-Side Measurement Current-Shunt Monitor with Comparator and Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA202AIDGKRG4 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  INA202AIDGKRG4 Datasheet HTML 1Page - Burr-Brown (TI) INA202AIDGKRG4 Datasheet HTML 2Page - Burr-Brown (TI) INA202AIDGKRG4 Datasheet HTML 3Page - Burr-Brown (TI) INA202AIDGKRG4 Datasheet HTML 4Page - Burr-Brown (TI) INA202AIDGKRG4 Datasheet HTML 5Page - Burr-Brown (TI) INA202AIDGKRG4 Datasheet HTML 6Page - Burr-Brown (TI) INA202AIDGKRG4 Datasheet HTML 7Page - Burr-Brown (TI) INA202AIDGKRG4 Datasheet HTML 8Page - Burr-Brown (TI) INA202AIDGKRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
INA200
INA201
INA202
SBOS374 − NOVEMBER 2006
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current-Shunt Monitor Analog Inputs, VIN+, VIN−
Differential (VIN+) − (VIN−)
−18V to +18V
. . . . . . . . . . . . . . . . . .
Common Mode(2)
−16V to +80V
. . . . . . . . . . . . . . . . . . . . . . . .
Comparator Analog Input and Reset Pins(2)
. . . . . . . . . . . . . . . . .
GND − 0.3V to (V+) + 0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog Output, Out(2)
GND − 0.3V to (V+) + 0.3V
. . . . . . . . . . . . .
Comparator Output, Out Pin(2)
GND − 0.3V to 18V
. . . . . . . . . . . . .
Input Current Into Any Pin(2)
5mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−55
°C to +150°C
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Ratings:
Human Body Model (HBM)
4000V
. . . . . . . . . . . . . . . . . . . . . . .
Charged Device Model (CDM)
1000V
. . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) This voltage may exceed the ratings shown if the current at that
pin is limited to 5mA.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
GAIN
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
INA200
20V/V
MSOP-8
DGK
BQH
INA200
20V/V
SO-8(2)
D
INA200A
INA201
50V/V
MSOP-8
DGK
BQJ
INA201
50V/V
SO-8(2)
D
INA201A
INA202
100V/V
MSOP-8
DGK
BQL
INA202
100V/V
SO-8(2)
D
INA202A
(1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
(2) Available Q1, 2007.
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
V
IN+
V
IN
CMP
OUT
RESET
V+
OUT
CMP
IN
GND
INA200−INA202
MSOP−8 (DGK)
SO−8 (D)
TOP VIEW


Similar Part No. - INA202AIDGKRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA202AIDGKRG4 BURR-BROWN-INA202AIDGKRG4 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
More results

Similar Description - INA202AIDGKRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com