Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOHC-SB2600PN Datasheet(PDF) 3 Page - ITT Industries

Part # FOHC-SB2600PN
Description  Fiber Optic Contacts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FOHC-SB2600PN Datasheet(HTML) 3 Page - ITT Industries

  FOHC-SB2600PN Datasheet HTML 1Page - ITT Industries FOHC-SB2600PN Datasheet HTML 2Page - ITT Industries FOHC-SB2600PN Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.ittcannon.com
298
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Fiber Optic Contacts
FOHC
Jewel Ferrule Alignment System
Cannon's
patented*
optical
contacts
allow
the
use of all standard fibers via the field-proven
jewel ferrule alignment system in a size 16 pin
or
socket
contact.
The
jewel
ferrule
system
provides
precise
alignment
regardless
of
fiber
size,
accommodates
fiber
tolerances,
elim-
inates the requirement for a minimum end gap,
and alloys for spring loading of contacts.
Solid State Epoxy
Socket
Pin
*U.S. Patent No 4,351,586, No. 3,947,182, and
No. 4,747,658
ALIGNMENT
JEWEL
GUIDE
SLEEVE
SOCKET
CONTACT
OUTER
SLEEVE
PIN
CONTACT
SEALING
GROMMET
SPRING
CLIP RETENTION
SHOULDER
SOCKET
CONTACT
ASSEMBLY
FIBER OPTIC
CABLE
SEALING
GROMMET
HARD
DIELECTRIC
INTERFACIAL SEAL
.600
(15.24)
MAX.
.290
(7.37)
MAX.
.103 (2.62)
DIA.
.0145 (0.37)
DIA. MIN
.087 (2.21)
DIA. MIN.
.033
(0.84)
.054
(1.37)
.087 (2.21)
DIA. MIN.
.103 (2.62)
DIA
.130 (3.30)
DIA.
.0145 (0.37) MIN. DIA.
.224
(5.69)
MAX.
SOLID STATE
EPOXY
.652 (16.56)
.113
(2.87)
DIA
.0625
(1.59)
DIA.
Note: Dimensions are for 38999 contacts.
.990 (25.15) MAX.
.130
(3.30)
DIA.
.0625
(1.59)
DIA.
SOLID STATE
EPOXY
.310
(7.87)
MAX.
.033
(0.84)
Since
the
advent
of
fiber
optics,
fibers
have
been terminated in optical contacts using mes-
sy two-part liquid expoxy. This process is cum-
bersome
and
not
conducive
to
high
volume
prodution.
Optical
contacts
are
now
available
with
solid
state
epoxy.
The
fiber
is
inserted
into
the
contact and the epoxy is reflowed in a cure
fixture.
No
mixing
of
liquids
is
required;
the
volume and flow viscosity is controlled, result-
ing in a perfect bond and the elimination of
clean-up.


Similar Description - FOHC-SB2600PN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
OPF670-1 OPTEK-OPF670-1_14 Datasheet
331Kb / 2P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com