Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8775 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8775
Description  Dual and Combinable Graphics Core Controller for Notebook Computers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8775 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8775 Datasheet HTML 1Page - Maxim Integrated Products MAX8775 Datasheet HTML 2Page - Maxim Integrated Products MAX8775 Datasheet HTML 3Page - Maxim Integrated Products MAX8775 Datasheet HTML 4Page - Maxim Integrated Products MAX8775 Datasheet HTML 5Page - Maxim Integrated Products MAX8775 Datasheet HTML 6Page - Maxim Integrated Products MAX8775 Datasheet HTML 7Page - Maxim Integrated Products MAX8775 Datasheet HTML 8Page - Maxim Integrated Products MAX8775 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Dual and Combinable Graphics Core
Controller for Notebook Computers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 12V, SKIP_ = PGND = AGND, ON_ = VCC = 5V, separate mode, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD_ Output Low Voltage
ISINK = 4mA
0.4
V
PGOOD_ Leakage Current
IPGOOD_
High state, PGOOD_ forced to 5.5V
1
µA
PGOOD_ Transition Blanking
Time
Measured from the time CSL_ reaches the
target voltage based on the slew rate set by
CSLEW_
20
µs
Lower threshold,
0.84VREF
2.0
2.2
Current-Balance Fault
Comparator Thresholds
V(CCI2, REF),
0.5V
VFB
≤ 2.5V
Upper threshold,
1.2VREF
2.9
3.0
V
Thermal-Shutdown Threshold
TSHDN
Hysteresis = 15°C
+160
°C
GATE DRIVERS
DH_ Gate Driver On-Resistance
RDH
BST_ - LX_ forced to 5V (Note 5)
1.5
5
Ω
DL_, high state
1.7
5
DL_ Gate Driver On-Resistance
(Note 5)
RDL
DL_, low state
0.6
3
Ω
DH_ Gate Driver Source/
Sink Current
IDH
DH_ forced to 2.5V, BST_ - LX_ forced to 5V
2
A
DL_ Gate Driver Source Current
IDL
(SOURCE)
DL_ forced to 2.5V
1.7
A
DL_ Gate Driver Sink Current
IDL (SINK)
DL_ forced to 2.5V
3.3
A
DL_ to DH_
15
35
Dead Time
tDEAD
DH_ to DL_
10
26
ns
Internal Boost Diode Switch RON
Measure with 10mA of current
6.5
9
Ω
LX_, BST_ Leakage Current
VBST_ = VLX_ = 28V
< 2
20
µA
INPUTS AND OUTPUTS
Logic Input Current
ON1, ON2,
DTRANS, SKIP1, SKIP2
-1
+1
µA
Logic Input-High Threshold
ON1, ON2,
DTRANS, SKIP1, SKIP2,
hysteresis = 225mV
1.2
1.7
2.2
V
Input Leakage Current
CSH_, CSL_, 0V, or VDD
-0.15
+0.15
µA


Similar Part No. - MAX8775

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8770GTL++ MAXIM-MAX8770GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771 MAXIM-MAX8771 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771GTL++ MAXIM-MAX8771GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results

Similar Description - MAX8775

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17007A MAXIM-MAX17007A Datasheet
708Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 2; 10/08
MAX17007A MAXIM-MAX17007A_10 Datasheet
943Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 3; 9/10
MAX17007 MAXIM-MAX17007 Datasheet
579Kb / 35P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 0; 2/08
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
   Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Intersil Corporation
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com