Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8775ETJ+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8775ETJ+
Description  Dual and Combinable Graphics Core Controller for Notebook Computers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8775ETJ+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8775ETJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX8775ETJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX8775ETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX8775ETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX8775ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX8775ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX8775ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX8775ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX8775ETJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Dual and Combinable Graphics Core
Controller for Notebook Computers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 12V, SKIP_ = PGND = AGND, ON_ = VCC = 5V, separate mode, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
50
%
SMPS1 to SMPS2 Phase Shift
SMPS2 starts after SMPS1
180
Deg
ISLEW_
During transition
4.0
4.75
5.5
Slew-Rate Current
ISLEWSS_
Startup and shutdown
0.70
0.95
1.20
µA
CURRENT LIMIT
Current-Limit Threshold
VLIMIT
VCSH_ - VCSL_
26
30
34
mV
Current-Limit Threshold
(Negative)
VNEG
VCSH_ - VCSL_, SKIP_ = VCC
-43
-36
-29
mV
Current-Limit Threshold
(Zero Crossing)
VZX
VCSH_ - VCSL_, SKIP_ = GND
3
mV
Idle Mode™ Threshold
IMIN
VCSH_ - VCSL_, SKIP_ = GND
3.6
6
8.4
mV
REFERENCE (REF)
TA = +25°C to +85°C
2.482
2.50
2.518
Reference Voltage
VREF
VCC = 4.5V to 5.5V,
IREF = 0
TA = 0°C to +85°C
2.475
2.50
2.525
V
Reference Source Load Regulation
ΔVREF
IREF = 0µA to 250µA
0.25
1.5
mV
Reference Sink Load Regulation
IREF = -50µA
6
mV
REF Lockout Voltage
VREF(UVLO) Rising edge, hysteresis = 100mV
2.3
V
CURRENT BALANCE
Current-Balance Amplifier (GMI)
Offset
[V(CSH1,CSL1) - V(CSH2,CSL2)] at ICCI = 0
-2
+2
mV
Current-Balance Amplifier (GMI)
Transconductance
ΔICCI/Δ[V(CSH1,CSL1) - V(CSH2,CSL2)],
VCCI = VOUT = 0.5V to 2.5V, and
V(CSH_,CSL_) = -60.0mV to +60.0mV
200
µS
FAULT DETECTION
OVP_ Adjust Range
VOVP_
0.5
2.5
V
Output Overvoltage Trip Threshold
Rising edge measured at CSL_,
with respect to OVP_ set voltage
180
200
220
mV
Output Overvoltage Fault
Propagation Delay
tOVP
50mV overdrive
10
µs
Output Undervoltage Protection
Trip Threshold
Falling edge measured at CSL_,
with respect to error comparator threshold
-325
300
-275
mV
Output Undevoltage Fault
Propagation Delay
tUVP
50mV overdrive
10
µs
Output Undervoltage Protection
Blanking Time
tBLANK
From rising edge of ON_
6144
1/fSW
PGOOD_ Lower Trip Threshold
Falling edge measured at CSL_,
with respect to error comparator threshold,
hysteresis = 1%
-180
-150
-120
mV
PGOOD_ Propagation Delay
tPGOOD_
Falling edge, 50mV overdrive
10
µs
Idle Mode is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX8775ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8770GTL++ MAXIM-MAX8770GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771 MAXIM-MAX8771 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771GTL++ MAXIM-MAX8771GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results

Similar Description - MAX8775ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17007A MAXIM-MAX17007A Datasheet
708Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 2; 10/08
MAX17007A MAXIM-MAX17007A_10 Datasheet
943Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 3; 9/10
MAX17007 MAXIM-MAX17007 Datasheet
579Kb / 35P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 0; 2/08
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
   Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Intersil Corporation
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com