Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ510 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSQ510
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ510 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSQ510 Datasheet HTML 6Page - Fairchild Semiconductor FSQ510 Datasheet HTML 7Page - Fairchild Semiconductor FSQ510 Datasheet HTML 8Page - Fairchild Semiconductor FSQ510 Datasheet HTML 9Page - Fairchild Semiconductor FSQ510 Datasheet HTML 10Page - Fairchild Semiconductor FSQ510 Datasheet HTML 11Page - Fairchild Semiconductor FSQ510 Datasheet HTML 12Page - Fairchild Semiconductor FSQ510 Datasheet HTML 13Page - Fairchild Semiconductor FSQ510 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ510, FSQ510H Rev. 0.0.3
10
PRELIMINARY DATASHEET
7. Advanced Quasi-Resonant Operation
: To minimize
switching loss and Electromagnetic Interference (EMI),
the MOSFET turns on when the drain voltage reaches
its minimum value in QRC converters. Due to
Discontinuous Conduction Mode (DCM) operation, the
feedback voltage is not changed, despite the DC link
voltage ripples, if the load condition is not changed.
Since the slope of the drain current is changed
depending on the DC link voltage, the turn-on duration
of MOSFET is variable with the DC link voltage ripples.
The switching period is changed continuously with the
DC link voltage ripples. Not only the switching at the
instant of the minimum drain voltage, but also the
continuous change of the switching period, reduces EMI.
So QRC converters can scatter the EMI spectrum
inherently.
Typical products for QRC turn on the MOSFET when
the first valley is detected. In this case, the range of the
switching frequency is very wide as a result of the load
variations. At a very light load, for example, the
switching frequency can be as high as several hundred
kHz. Some products for QRC, such as Fairchild’s
FSCQ-series, define the turn-on instant of SenseFET
change at the first valley into at the second valley when
the load condition decreases under its predetermined
level. The range of switching frequency narrows
somewhat. For details, consult an FSCQ-series
datasheet at:
http://www.fairchildsemi.com/pf/FS/FSCQ1265RT.html
The range of the switching frequency can be limited
tightly in FSQ-series. Because a kind of blanking time
(tB) is adopted, as shown in Figure 11, the switching
frequency has minimum and maximum values.
Once the SenseFET is enabled, the next start is
prohibited during the blanking time (tB). After the
blanking time, the controller finds the first valley within
the duration of the quasi-resonant detection window time
(tW) (Case A, B, and C). If no valley is found in tW, the
internal SenseFET is forced to turn on at the end of t
B
W
(Case D). Therefore, FSQ510 and FSQ510H have
minimum switching frequency of 93.5kHz and maximum
switching frequency of 130kHz, as shown in Figure 12.
T
s
max=10.7us
T
s
max=10.7us
t
B=7.7us
T
s
t
B=7.7us
T
s
t
B=7.7us
T
s
I
ds
I
ds
I
ds
I
ds
I
ds
I
ds
I
ds
I
ds
t
B=7.7us
A
B
C
D
t
W=3us
Figure 11. Advanced QRC Operation
93.5kHz
130kHz
103kHz
Burst
mode
Constant
frequency
D
C
B
A
P
o
When the resonant period is 2us
Figure 12. Switching Frequency Range of the
Advanced QRC


Similar Part No. - FSQ510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ510 FAIRCHILD-FSQ510 Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510 Datasheet
730Kb / 15P
   Green Mode Fairchild Power Switch
FSQ510 FAIRCHILD-FSQ510 Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510H FAIRCHILD-FSQ510H Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510H FAIRCHILD-FSQ510H Datasheet
730Kb / 15P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSQ510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ1565RP FAIRCHILD-FSCQ1565RP Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com