Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2166DSPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2166DSPBF
Description  PFC BALLAST CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2166DSPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS2166DSPBF Datasheet HTML 1Page - International Rectifier IRS2166DSPBF Datasheet HTML 2Page - International Rectifier IRS2166DSPBF Datasheet HTML 3Page - International Rectifier IRS2166DSPBF Datasheet HTML 4Page - International Rectifier IRS2166DSPBF Datasheet HTML 5Page - International Rectifier IRS2166DSPBF Datasheet HTML 6Page - International Rectifier IRS2166DSPBF Datasheet HTML 7Page - International Rectifier IRS2166DSPBF Datasheet HTML 8Page - International Rectifier IRS2166DSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IRS2166D(S)PbF
www.irf.com
Page 5
Schematic Block Diagram
PF
COM
Z
6.7 V
1.0 V
Q
S
R2 Q
R1
Q
S
R Q
VCC
RT
CP
VC
CT
RP
CO
R
V
TH
R
3 uA
R
Driver
Logic
SD/EO
R
R
RDT
3.0K
40 K
S1
S2
S3
S4
Q
T
R
Q
S5
Q
S
R2 Q
R1
VBU
V
HO
V
LO
CS
High-
Side
Driver
Low-
Side
Driver
1.25 V
10
13
3
5
4
2
1
9
14
16
15
11
8
6
7
UVLO
400 us
Watch Dog
Timer
12
Soft
Start
OVP
4.3 V
Fault
Counter
2 V
5 V
1.0 V
3.0 V
4.0 V
3.5 V
Q
S
R Q
RS2
Fault
Logic
Gain
Q
S
R2 Q
R1
4.0 V
RS1
RS3
RS4
Q
S
R Q
VCC
3.0 V
Ballast
PFC
RUN
Bootstrap
Control
VCC
15.6 V
S6
VCC
3 V
Q
S
R2
Q
R1
Please Note: All values shown in block diagram are typical values only


Similar Part No. - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
More results

Similar Description - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com