Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF544B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF544B
Description  UHF push-pull power MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF544B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF544B Datasheet HTML 4Page - NXP Semiconductors BLF544B Datasheet HTML 5Page - NXP Semiconductors BLF544B Datasheet HTML 6Page - NXP Semiconductors BLF544B Datasheet HTML 7Page - NXP Semiconductors BLF544B Datasheet HTML 8Page - NXP Semiconductors BLF544B Datasheet HTML 9Page - NXP Semiconductors BLF544B Datasheet HTML 10Page - NXP Semiconductors BLF544B Datasheet HTML 11Page - NXP Semiconductors BLF544B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
October 1992
10
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF544B
Fig.13 Input impedance as a function of frequency
(series components), typical values per
section.
Class-B operation; VDS = 28 V; IDQ =2 × 20 mA; PL =20W.
handbook, halfpage
0
ri
xi
200
400
600
10
0
−20
−30
−10
MDA492
Zi
(
Ω)
f (MHz)
Fig.14 Load impedance as a function of frequency
(series components), typical values per
section.
Class-B operation; VDS = 28 V; IDQ =2 × 20 mA; PL =20W.
handbook, halfpage
0
RL
200
400
600
40
30
10
0
20
MDA494
ZL
(
Ω)
f (MHz)
XL
Fig.15 Power gain as a function of frequency,
typical values per section.
Class-B operation; VDS = 28 V; IDQ =2 × 20 mA;
PL =20W.
handbook, halfpage
0
30
20
10
0
200
Gp
(dB)
f (MHz)
400
600
MDA493


Similar Part No. - BLF544B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF544 PHILIPS-BLF544 Datasheet
117Kb / 16P
   UHF power MOS transistor
1998 Jan 21
BLF544 NXP-BLF544 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BLF544_2015 JMNIC-BLF544_2015 Datasheet
100Kb / 16P
   UHF power MOS transistor
More results

Similar Description - BLF544B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF546 PHILIPS-BLF546 Datasheet
90Kb / 12P
   UHF push-pull power MOS transistor
October 1992
BLF547 PHILIPS-BLF547 Datasheet
123Kb / 12P
   UHF push-pull power MOS transistor
October 1992
BLF545 PHILIPS-BLF545 Datasheet
94Kb / 12P
   UHF push-pull power MOS transistor
October 1992
BLF548 PHILIPS-BLF548 Datasheet
116Kb / 15P
   UHF push-pull power MOS transistor
2003 Sep 26
BLF548 PHILIPS-BLF548 Datasheet
123Kb / 12P
   UHF push-pull power MOS transistor
2003 Sep 26
logo
Quanzhou Jinmei Electro...
BLF546_2015 JMNIC-BLF546_2015 Datasheet
78Kb / 12P
   UHF push-pull power MOS transistor
BLF548_2015 JMNIC-BLF548_2015 Datasheet
99Kb / 12P
   UHF push-pull power MOS transistor
logo
NXP Semiconductors
BLV950 PHILIPS-BLV950 Datasheet
109Kb / 16P
   UHF push-pull power transistor
1997 Oct 27
BLV897 PHILIPS-BLV897 Datasheet
101Kb / 12P
   UHF push-pull power transistor
1997 Nov 10
logo
New Jersey Semi-Conduct...
BLV948 NJSEMI-BLV948 Datasheet
150Kb / 4P
   UHF push-pull power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com