Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2PCIE2212 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS2PCIE2212
Description  PCI Express SIGNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS2PCIE2212 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS2PCIE2212 Datasheet HTML 2Page - Texas Instruments TS2PCIE2212 Datasheet HTML 3Page - Texas Instruments TS2PCIE2212 Datasheet HTML 4Page - Texas Instruments TS2PCIE2212 Datasheet HTML 5Page - Texas Instruments TS2PCIE2212 Datasheet HTML 6Page - Texas Instruments TS2PCIE2212 Datasheet HTML 7Page - Texas Instruments TS2PCIE2212 Datasheet HTML 8Page - Texas Instruments TS2PCIE2212 Datasheet HTML 9Page - Texas Instruments TS2PCIE2212 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
CL
(see Note A)
TEST CIRCUIT
S1
2
× VDD
Open
GND
RL
RL
tPZL
VOH − 0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
50
VG1
VDD
DUT
50
VIN
50
VG2
VI
TEST
RL
S1
V
CL
VCC
VI
tPLZ/tPZL
1.8 V
± 0.1 V
2
× VDD
100
GND
No Load
0.3 V
Input Generator
Input Generator
VDD/2
VDD/2
VO
tPHZ/tPZH
1.8 V
± 0.1 V
GND
100
VDD
No Load
0.3 V
Output Control
(VIN)
VDD
VOH
VOL + 0.3 V
VOH
VOL
0 V
tPZH
tPLZ
tPHZ
Output
Waveform 2
S1 at GND
(see Note B)
Output
Waveform 1
S1 at 2 y VDD
(see Note B)
VOL
SA
CTRL
VDD/2
VDD/2
TS2PCIE2212
PCI Express™ SIGNAL SWITCH
SCDS209 – JUNE 2006
(Enable and Disable Times)
Figure 6. Test Circuit and Voltage Waveforms
6
Submit Documentation Feedback


Similar Part No. - TS2PCIE2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS2PCIE2212 TI-TS2PCIE2212 Datasheet
222Kb / 12P
[Old version datasheet]   PCI Express??SIGNAL SWITCH
TS2PCIE2212ZAHR TI-TS2PCIE2212ZAHR Datasheet
222Kb / 12P
[Old version datasheet]   PCI Express??SIGNAL SWITCH
TS2PCIE2212ZAHRG1 TI-TS2PCIE2212ZAHRG1 Datasheet
222Kb / 12P
[Old version datasheet]   PCI Express??SIGNAL SWITCH
TS2PCIE2212 TI-TS2PCIE2212_09 Datasheet
222Kb / 12P
[Old version datasheet]   PCI Express??SIGNAL SWITCH
More results

Similar Description - TS2PCIE2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS2PCIE2212 TI-TS2PCIE2212_09 Datasheet
222Kb / 12P
[Old version datasheet]   PCI Express??SIGNAL SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
   PCI Express Gen3 Switch
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
   PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
   PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
   PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
   PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
   PCI Express Gen3 Switch
logo
Pericom Semiconductor C...
PI7C9X20508GPBNDE PERICOM-PI7C9X20508GPBNDE Datasheet
532Kb / 81P
   PCI EXPRESS PACKET SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
   PCI Express Gen3 Switch
logo
PLX Technology
PEX8524 PLX-PEX8524 Datasheet
859Kb / 4P
   Flexible & Versatile PCI Express Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com