Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2PCIE2212ZAHR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS2PCIE2212ZAHR
Description  PCI Express SIGNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS2PCIE2212ZAHR Datasheet(HTML) 2 Page - Texas Instruments

  TS2PCIE2212ZAHR Datasheet HTML 1Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 2Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 3Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 4Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 5Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 6Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 7Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 8Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.ti.com
TxDA:0
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
TxDB:0
RxDA:0
RxDB:0
TxDA:1
TxDB:1
RxDA:1
RxDB:1
TxSA:0
TxSB:0
RxSA:0
RxSB:0
TxSA:1
TxSB:1
RxSA:1
RxSB:1
CTRL1
CTRL0
TS2PCIE2212
PCI Express™ SIGNAL SWITCH
SCDS209 – JUNE 2006
PIN DESCRIPTION
NAME
FUNCTION
TxSA:nP, TxSA:nN
Source A transmit pair
RxSA:nP, RxSA:nN
Source A receive pair
TxSB:nP, TxSB:nN
Source B transmit pair
RxSB:nP, RxSB:nN
Source B receive pair
TxDA:nP, TxDA:nN
Destination A transmit pair
RxDA:nP, RxDA:nN
Destination A receive pair
TxDB:nP, TxDB:nN
Destination B transmit pair
RxDB:nP, RxDB:nN
Destination B receive pair
CTRL0
Control signal for bank 0
CTRL1
Control signal for bank 1
VDD
Positive supply voltage
GND
Ground (0 V)
NC
No internal connection
LOGIC DIAGRAM
2
Submit Documentation Feedback


Similar Part No. - TS2PCIE2212ZAHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS2PCIE2212ZAHR TI-TS2PCIE2212ZAHR Datasheet
222Kb / 12P
[Old version datasheet]   PCI Express??SIGNAL SWITCH
TS2PCIE2212ZAHRG1 TI-TS2PCIE2212ZAHRG1 Datasheet
222Kb / 12P
[Old version datasheet]   PCI Express??SIGNAL SWITCH
More results

Similar Description - TS2PCIE2212ZAHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS2PCIE2212 TI-TS2PCIE2212_09 Datasheet
222Kb / 12P
[Old version datasheet]   PCI Express??SIGNAL SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
   PCI Express Gen3 Switch
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
   PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
   PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
   PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
   PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
   PCI Express Gen3 Switch
logo
Pericom Semiconductor C...
PI7C9X20508GPBNDE PERICOM-PI7C9X20508GPBNDE Datasheet
532Kb / 81P
   PCI EXPRESS PACKET SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
   PCI Express Gen3 Switch
logo
PLX Technology
PEX8524 PLX-PEX8524 Datasheet
859Kb / 4P
   Flexible & Versatile PCI Express Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com