Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S30MS512P25TAW503 Datasheet(PDF) 6 Page - SPANSION

Part # S30MS512P25TAW503
Description  1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on MirrorBit??Technology
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S30MS512P25TAW503 Datasheet(HTML) 6 Page - SPANSION

Back Button S30MS512P25TAW503 Datasheet HTML 2Page - SPANSION S30MS512P25TAW503 Datasheet HTML 3Page - SPANSION S30MS512P25TAW503 Datasheet HTML 4Page - SPANSION S30MS512P25TAW503 Datasheet HTML 5Page - SPANSION S30MS512P25TAW503 Datasheet HTML 6Page - SPANSION S30MS512P25TAW503 Datasheet HTML 7Page - SPANSION S30MS512P25TAW503 Datasheet HTML 8Page - SPANSION S30MS512P25TAW503 Datasheet HTML 9Page - SPANSION S30MS512P25TAW503 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
4
S30MS-P ORNANDTM Flash Family
S30MS-P_00_A7 August 4, 2006
Data
Sheet
(Pre limin ar y)
1.
General Description
The S30MS-P is a 1.8V single voltage flash memory product manufactured using 90 nm MirrorBit™
technology. The S30MS01GP is a 1Gb device, organized as 64M Words or 128MB. The S30MS512P is a
512Mb device, organized as 32M Words or 64MB.
The S30MS-P family of devices offer advantages such as:
Fast write and sustained write speed suitable for data storage applications
Fast read speed and reliability suitable for demanding code storage applications
Proven MirrorBittechnology
The devices are offered in a 48-pin TSOP, or FBGA MCP-compatible packages. Each device has separate
chip enable (CE#) controls for the FBGA package.
The S30MS-P is a byte/word serial-type memory device that utilizes the I/O pins for both address and data
input/output, as well as for command input. The Erase and Program operations are automatically executed
making the device most suitable for applications such as solid-state disks, pictures storage for still cameras,
cellular phones, and other systems that require high-density non-volatile data storage.
Typical application requirements are shown in the table below with reference to the ORNAND capabilities.
The devices include the following features:
Automatic page 0 read, allows access of the data in page 0 without command and address input of read
command after power-up
Chip Enable Don't Care support for direct connection with microcontrollers
Compatible with NAND Flash command set. Commands are written to the device using standard
microprocessor write timing. Write cycles provide commands, addresses and data
Initiation of program and erase functions through command sequences. Once a program or erase
operation begins, the host system should only poll for status or monitor the Ready/Busy# (RY/BY#) output
to determine whether the operation is complete
Manufactured using MirrorBit™ flash technology resulting in the highest levels of quality, reliability, and cost
effectiveness
Application
Minimum Requirements
Spansion ORNAND
2G Network
14.4 Kbps (1.8 KB/sec)
3G Network
2 Mbps (250 KB/sec)
3.5G Network (HSPDA)
2.5 MB/sec
Full Speed USB
1.5 MB/sec
MP3 Playback
320 Kbps (40 KB/sec)
MPEG2 (H.262)
3 MB/sec
MPEG4 (H.264)
1 MB/sec
WiMax
0.25 MB/sec


Similar Part No. - S30MS512P25TAW503

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S30M45C MOSPEC-S30M45C Datasheet
161Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M45F MOSPEC-S30M45F Datasheet
164Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M60C MOSPEC-S30M60C Datasheet
152Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M60F MOSPEC-S30M60F Datasheet
165Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
More results

Similar Description - S30MS512P25TAW503

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
Integrated Silicon Solu...
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
SPANSION
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com