Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8841ELT26+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8841ELT26+T
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8841ELT26+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8841ELT26+T Datasheet HTML 1Page - Maxim Integrated Products MAX8841ELT26+T Datasheet HTML 2Page - Maxim Integrated Products MAX8841ELT26+T Datasheet HTML 3Page - Maxim Integrated Products MAX8841ELT26+T Datasheet HTML 4Page - Maxim Integrated Products MAX8841ELT26+T Datasheet HTML 5Page - Maxim Integrated Products MAX8841ELT26+T Datasheet HTML 6Page - Maxim Integrated Products MAX8841ELT26+T Datasheet HTML 7Page - Maxim Integrated Products MAX8841ELT26+T Datasheet HTML 8Page - Maxim Integrated Products MAX8841ELT26+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Ultra-Low-Noise, High PSRR, Low-Dropout,
150mA Linear Regulators in µDFN
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VIN = VOUT + 0.5V, CIN = 1µF, COUT = 1µF, CBP = 10nF, TA = +25°C, unless otherwise noted.)
MAX8840
OUTPUT NOISE vs. BP CAPACITANCE
BP CAPACITANCE (nF)
10
5
10
15
20
25
0
1
100
MAX8840
LOAD-TRANSIENT RESPONSE
MAX8840 toc14
1ms/div
VIN = 3.5V
ILOAD = 0 TO 50mA
VOUT
10mV/div
MAX8840
LOAD-TRANSIENT RESPONSE NEAR DROPOUT
MAX8840 toc15
1ms/div
VIN = 3.1V
ILOAD = 0 TO 50mA
VOUT
10mV/div
MAX8840
LINE-TRANSIENT RESPONSE
MAX8840 toc16
200
μs/div
VIN = 3.5V TO 4V
VOUT
2mV/div
MAX8840
EXITING SHUTDOWN WAVEFORM
MAX8840 toc17
20
μs/div
VOUT = 2.85V
RLOAD = 47
Ω
OUTPUT
VOLTAGE
2V/div
SHUTDOWN
VOLTAGE
MAX8840
ENTERING SHUTDOWN DELAY
MAX8840 toc18
40
μs/div
CBP = 0.01
μF
OUTPUT
VOLTAGE
2V/div
SHUTDOWN
VOLTAGE
MAX8840
SHUTDOWN EXIT DELAY
MAX8840 toc19
20
μs/div
SHUTDOWN
VOLTAGE
VOUT
1V/div
VOUT = 3V
CBP = 100nF
MAX8840
REGION OF STABLE COUT ESR
vs. LOAD CURRENT
LOAD CURRENT (mA)
100
75
50
25
0.1
1
10
100
0.01
0
150
125


Similar Part No. - MAX8841ELT26+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8841ELT26+T MAXIM-MAX8841ELT26+T Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
More results

Similar Description - MAX8841ELT26+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
logo
ams AG
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com