Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL032M10BBIR33 Datasheet(PDF) 4 Page - SPANSION

Part # S29GL032M10BBIR33
Description  256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032M10BBIR33 Datasheet(HTML) 4 Page - SPANSION

  S29GL032M10BBIR33 Datasheet HTML 1Page - SPANSION S29GL032M10BBIR33 Datasheet HTML 2Page - SPANSION S29GL032M10BBIR33 Datasheet HTML 3Page - SPANSION S29GL032M10BBIR33 Datasheet HTML 4Page - SPANSION S29GL032M10BBIR33 Datasheet HTML 5Page - SPANSION S29GL032M10BBIR33 Datasheet HTML 6Page - SPANSION S29GL032M10BBIR33 Datasheet HTML 7Page - SPANSION S29GL032M10BBIR33 Datasheet HTML 8Page - SPANSION S29GL032M10BBIR33 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 116 page
background image
2S29GL-M MirrorBitTM Flash Family
S29GL-M_00_B6 October 10, 2006
Data
Sheet
General Description
The S29GL256/128/064/032M family of devices are 3.0 V single power Flash memory manufac-
tured using 0.23 µm MirrorBit technology. The S29GL256M is a 256†Mbit, organized as 16,777,216
words or 33,554,432 bytes. The S29GL128M is a 128 Mbit, organized as 8,388,608 words or
16,777,216 bytes. The S29GL064M is a 64 Mbit, organized as 4,194,304 words or 8,388,608 bytes.
The S29GL032M is a 32 Mbit, organized as 2,097,152 words or 4,194,304 bytes. Depending on the
model number, the devices have an 8-bit wide data bus only, 16-bit wide data bus only, or a 16-bit
wide data bus that can also function as an 8-bit wide data bus by using the BYTE# input. The devices
can be programmed either in the host system or in standard EPROM programmers.
Access times as fast as 90 ns (S29GL128M, S29GL064M, S29GL032M) or 100 ns (S29GL256M) are
available. Note that each access time has a specific operating voltage range (VCC) as specified in
Product Selector Guide and the Ordering Information sections starting on page 16. Package offer-
ings include 40-pin TSOP, 48-pin TSOP, 56-pin TSOP, 48-ball fine-pitch BGA, 63-ball fine-pitch BGA
and 64-ball Fortified BGA, depending on model number. Each device has separate chip enable
(CE#), write enable (WE#) and output enable (OE#) controls.
Each device requires only a single 3.0 volt power supply for both read and write functions. In
addition to a VCC input, a high-voltage accelerated program (ACC) feature provides shorter pro-
gramming times through increased current on the WP#/ACC input. This feature is intended to
facilitate factory throughput during system production, but may also be used in the field if desired.
The device is entirely command set compatible with the JEDEC single-power-supply Flash stan-
dard. Commands are written to the device using standard microprocessor write timing. Write cycles
also internally latch addresses and data needed for the programming and erase operations.
The sector erase architecture allows memory sectors to be erased and reprogrammed without
affecting the data contents of other sectors. The device is fully erased when shipped from the
factory.
Device programming and erasure are initiated through command sequences. Once a program or
erase operation starts, the host system need only poll the DQ7 (Data# Polling) or DQ6 (toggle) sta-
tus bits or monitor the Ready/Busy# (RY/BY#) output to determine whether the operation is
complete. To facilitate programming, an Unlock Bypass mode reduces command sequence over-
head by requiring only two write cycles to program data instead of four.
Hardware data protection measures include a low VCC detector that automatically inhibits write
operations during power transitions. The hardware sector protection feature disables both program
and erase operations in any combination of sectors of memory. This can be achieved in-system or
via programming equipment.
The Erase Suspend/Erase Resume feature allows the host system to pause an erase operation
in a given sector to read or program any other sector and then complete the erase operation. The
Program Suspend/Program Resume feature enables the host system to pause a program op-
eration in a given sector to read any other sector and then complete the program operation.
The hardware RESET# pin terminates any operation in progress and resets the device, after
which it is then ready for a new operation. The RESET# pin may be tied to the system reset circuitry.
A system reset would thus also reset the device, enabling the host system to read boot-up firmware
from the Flash memory device.
The device reduces power consumption in the standby mode when it detects specific voltage levels
on CE# and RESET#, or when addresses are stable for a specified period of time.
The Write Protect (WP#) feature protects the first or last sector by asserting a logic low on the
WP#/ACC pin or WP# pin, depending on model number. The protected sector is still protected even
during accelerated programming.
The Secured Silicon Sector provides a 128-word/256-byte area for code or data that can be per-
manently protected. Once this sector is protected, no further changes within the sector can occur.
Spansion MirrorBit flash technology combines years of Flash memory manufacturing experience to
produce the highest levels of quality, reliability and cost effectiveness. The device electrically erases
all bits within a sector simultaneously via hot-hole assisted erase. The data is programmed using
hot electron injection.


Similar Part No. - S29GL032M10BBIR33

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032M10BBIR33 SPANSION-S29GL032M10BBIR33 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
More results

Similar Description - S29GL032M10BBIR33

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com