Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S72NS128PD0KJBLC3 Datasheet(PDF) 8 Page - SPANSION

Part # S72NS128PD0KJBLC3
Description  MirrorBit Flash Memory and DRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72NS128PD0KJBLC3 Datasheet(HTML) 8 Page - SPANSION

Back Button S72NS128PD0KJBLC3 Datasheet HTML 4Page - SPANSION S72NS128PD0KJBLC3 Datasheet HTML 5Page - SPANSION S72NS128PD0KJBLC3 Datasheet HTML 6Page - SPANSION S72NS128PD0KJBLC3 Datasheet HTML 7Page - SPANSION S72NS128PD0KJBLC3 Datasheet HTML 8Page - SPANSION S72NS128PD0KJBLC3 Datasheet HTML 9Page - SPANSION S72NS128PD0KJBLC3 Datasheet HTML 10Page - SPANSION S72NS128PD0KJBLC3 Datasheet HTML 11Page - SPANSION S72NS128PD0KJBLC3 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6
S72NS-P Based MCPs/PoPs
S72NS-P_00_01 September 6, 2006
Data
Sheet
(Adv ance
I nf or mation)
4.
Input/Output Descriptions
Signal
Description
Flash
DRAM
Amax – A16
=
Flash Address inputs
ADQ15 – ADQ0
=
Flash multiplexed Address and Data
F-CE#
=
Flash Chip-enable input. Asynchronous relative to CLK for Burst Mode
X
F-OE#
=
Flash Output Enable input. Asynchronous relative to CLK for Burst mode.
X
F-WE#
=
Flash Write Enable input
X
F-VCC
=
Flash device power supply (1.7 V to 1.95 V)
X
F-VCCQ
=
Flash Input/Output Buffer power supply
X
F-VSS
=
Flash Ground
X
F-RDY
=
Flash ready output. Indicates the status of the Burst read. VOL = data invalid. VOH
= data valid.
X
F-CLK
=
Flash Clock. The first rising edge of CLK in conjunction with AVD# low latches the
address input and activates burst mode operation. After the initial word is output,
subsequent rising edges of CLK increment the internal address counter. CLK
should remain low during asynchronous access.
X
F-AVD#
=
Flash Address Valid input. Indicates to device that the valid address is present on
the address inputs. VIL = for asynchronous mode, indicates valid address; for burst
mode, causes starting address to be latched on rising edge of CLK. VIH= device
ignores address inputs
X
F-RST#
=
Flash hardware reset input. VIL= device resets and returns to reading array data
X
F-WP#
=
Flash hardware write protect input. VIL = disables program and erase functions in
the four outermost sectors
X
F-ACC
=
Flash accelerated input. At VHH, accelerates programming; automatically places
device in unlock bypass mode. At VIL, disables all program and erase functions.
Should be at VIH for all other conditions.
X
D-A12 – D-A0
=
DRAM Address inputs.
X
D-DQ15 – D-DQ0
=
DRAM Data input/output
X
D-CLK
=
DRAM System Clock
X
D-CE#
=
DRAM Chip Select
X
D-CKE
=
DRAM Clock Enable
X
D-BA1 – BA0
=
DRAM Bank Select
X
D-RAS#
=
DRAM Row Address Strobe
X
D-CAS#
=
DRAM Column Address Strobe
X
D-UDQM – D-LDQM
=
DRAM Data Input Mask
X
D-WE#
=
DRAM Write Enable input
X
D-VSS
=
DRAM Ground
X
D-VSSQ
=
DRAM Input/Output Buffer ground
X
D-VCCQ
=
DRAM Input/Output Buffer power supply
X
D-VCC
=
DRAM device power supply
X
D-UDQS
=
DRAM Upper Data Strobe, output with read data and input with write data
X
D-LDQS
=
DRAM Lower Data Strobe, output with read data and input with write data
X
D-CLK#
=
DDR Clock for negative edge of CLK
X
RFU
=
Reserved for Future Use
NC
=
No Connect. Can be connected to ground or left floating.
DNU
=
Do Not Use. This signal must be left floating


Similar Part No. - S72NS128PD0KJBLC3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS128ND0-12 SPANSION-S72NS128ND0-12 Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0-13 SPANSION-S72NS128ND0-13 Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0-1J SPANSION-S72NS128ND0-1J Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0-1K SPANSION-S72NS128ND0-1K Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0AFW120 SPANSION-S72NS128ND0AFW120 Datasheet
584Kb / 17P
   Based MCPs
More results

Similar Description - S72NS128PD0KJBLC3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
AM70PDL127CDH SPANSION-AM70PDL127CDH Datasheet
1Mb / 127P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDLI27BDH SPANSION-AM70PDLI27BDH Datasheet
2Mb / 128P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com