Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29WS064N0SBAI012 Datasheet(PDF) 5 Page - SPANSION

Part # S29WS064N0SBAI012
Description  256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0SBAI012 Datasheet(HTML) 5 Page - SPANSION

  S29WS064N0SBAI012 Datasheet HTML 1Page - SPANSION S29WS064N0SBAI012 Datasheet HTML 2Page - SPANSION S29WS064N0SBAI012 Datasheet HTML 3Page - SPANSION S29WS064N0SBAI012 Datasheet HTML 4Page - SPANSION S29WS064N0SBAI012 Datasheet HTML 5Page - SPANSION S29WS064N0SBAI012 Datasheet HTML 6Page - SPANSION S29WS064N0SBAI012 Datasheet HTML 7Page - SPANSION S29WS064N0SBAI012 Datasheet HTML 8Page - SPANSION S29WS064N0SBAI012 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
October 29, 2004 S29WSxxxN_00_F0
S29WSxxxN MirrorBit™ Flash Family
5
Pre l i m i n a r y
1
Ordering Information
The ordering part number is formed by a valid combination of the following:
S29WS
256
N
0S
BA
W
01
0
PACKING TYPE
0
= Tray (standard; see note 1)
2= 7-inch Tape and Reel
3
= 13-inch Tape and Reel
MODEL NUMBER (Note 3)
(Package Ball Count, Package Dimensions, DYB Protect/Unprotect After
Power-up)
01
= 84-ball, 8 x 11.6 mm, DYB Unprotect
11
= 80-ball, 7 x 9 mm, DYB Protect
TEMPERATURE RANGE (Note 3)
W
= Wireless (–25°C to +85°C)
I
= Industrial (–40°C to +85°C, contact factory for availability)
PACKAGE TYPE AND MATERIAL
BA
= Very Thin Fine-Pitch BGA, Lead (Pb)-free Compliant Package
BF
= Very Thin Fine-Pitch BGA, Lead (Pb)-free Package
SPEED OPTION (BURST FREQUENCY)
0S
= 80 MHz
0P
= 66 MHz
0L
= 54 MHz
PROCESS TECHNOLOGY
N
= 110 nm MirrorBit™ Technology
FLASH DENSITY
256
= 256 Mb
128
= 128 Mb
064
= 64 Mb
DEVICE FAMILY
S29WS = 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WSxxxN Valid Combinations (Notes 1, 2, 3)
VIO Range
DYB
Power Up
State
Package Type
(Note 2)
Base Ordering
Part Number
Speed
Option
Package Type, Material, &
Temperature Range
Model
Number
Packing
Type
S29WS256N
0S, 0P, 0L
BAW (Lead (Pb)-free Compliant),
BFW (Lead (Pb)-free)
01
0, 2, 3
(Note 1)
1.70–1.95 V
Unprotect
8 mm x 11.6 mm
84-ball
MCP-Compatible
11
Protect
S29WS128N
01
Unprotect
11
Protect
S29WS064N
01
Unprotect
7 mm x 9 mm
80-ball
MCP-Compatible
11
Protect
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S29” and packing type
designator from ordering part number.
3. For 1.5 VIO option, other boot options, or industrial temperature
range, contact your local sales office.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.


Similar Part No. - S29WS064N0SBAI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS064N0SBAI012 SPANSION-S29WS064N0SBAI012 Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
More results

Similar Description - S29WS064N0SBAI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS128H AMD-AM29BDS128H Datasheet
1Mb / 89P
   128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com