Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15001A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15001A
Description  Current-Mode PWM Controllers with Programmable Switching Frequency
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15001A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15001A Datasheet HTML 1Page - Maxim Integrated Products MAX15001A Datasheet HTML 2Page - Maxim Integrated Products MAX15001A Datasheet HTML 3Page - Maxim Integrated Products MAX15001A Datasheet HTML 4Page - Maxim Integrated Products MAX15001A Datasheet HTML 5Page - Maxim Integrated Products MAX15001A Datasheet HTML 6Page - Maxim Integrated Products MAX15001A Datasheet HTML 7Page - Maxim Integrated Products MAX15001A Datasheet HTML 8Page - Maxim Integrated Products MAX15001A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Current-Mode PWM Controllers with
Programmable Switching Frequency
4
_______________________________________________________________________________________
Note 1: All devices are 100% tested at TA = +85°C. All limits over temperature are guaranteed by characterization.
Note 2: The MAX15000 is intended for use in universal input power supplies. The internal clamp circuit at IN is used to prevent the
bootstrap capacitor (C1 in Figure 1) from charging to a voltage beyond the absolute maximum rating of the device when
UVLO/EN is low (shutdown mode). Externally limit the maximum current to IN (hence to clamp) to 2mA maximum when
UVLO/EN is low. Clamp currents higher than 2mA may result in a clamp voltage higher than 30V, thus exceeding the
absolute maximum rating for IN. For the MAX15001, do not exceed the 24V maximum operating voltage of the device.
Note 3: VREF is measured with FB connected to COMP (see the Functional Diagram).
Note 4: The oscillator in the MAX1500_A is capable of operating up to 2500kHz. However, the NDRV switching frequency is limited
to operate up to 625kHz. Thus, the oscillator frequency for MAX1500_A must be limited to 1250kHz (maximum).
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +12V (for MAX15000, bring VIN up to 23.6V for startup), 10nF bypass capacitors at IN and VCC, R12 = 15k
Ω (MAX1500_A), R12
= 7.5k
Ω (MAX1500_B), R15 = 1kΩ, C6 = 100nF (see the Typical Application Circuit), NDRV = open, VUVLO/EN = +1.4V, VFB = +1.0V,
COMP = open, VCS = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
BOOTSTRAP UVLO WAKE-UP LEVEL
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
21.4
21.5
21.6
21.7
21.8
21.3
-40
85
MAX15000 VIN RISING
BOOTSTRAP UVLO SHUTDOWN LEVEL
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
9.5
9.7
9.9
10.1
10.3
9.3
-40
85
MAX15000 VIN FALLING
UVLO/EN WAKE-UP THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.226
1.228
1.230
1.232
1.234
1.236
1.224
-40
85
UVLO/EN RISING
Typical Operating Characteristics
(VUVLO/EN = +1.4V, VFB = +1V, COMP = open, VCS = 0V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OSCILLATOR
Oscillator Frequency Range
fOSC
50
2500
kHz
fOSC = 200kHz to 800kHz
-10
+10
Oscillator Frequency Accuracy
fOSC = 50kHz to 2500kHz
-20
+20
%
MAX1500_A, fSW = fOSC/2
25
625
NDRV Switching Frequency
(Note 4)
fSW
MAX1500_B, fSW = fOSC/4
12.5
625.0
kHz
MAX1500_A
50
Maximum Duty Cycle
DMAX
MAX1500_B
75
%


Similar Part No. - MAX15001A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002ATL++ MAXIM-MAX15002ATL+ Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
MAX15003 MAXIM-MAX15003 Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
More results

Similar Description - MAX15001A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com