Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEE00BB12-4 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEE00BB12-4
Description  Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEE00BB12-4 Datasheet(HTML) 1 Page - Astec America, Inc

  AEE00BB12-4 Datasheet HTML 1Page - Astec America, Inc AEE00BB12-4 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
10 Watts
AEE00-12Vin
• 10 W, Dual output
• 2:1 Input range
• 1.0" x 2.0" x 0.33 case
• Industry standard package
• Low Profile
• Low Cost
Operating base temperature range:
-25°C to +100°C
Storage temperature: -40°C to +125°C
MTBF: 3 Million Hours (Belcore TR332)
UL
UL1950 Recognition
CSA
CSA22.2-950 Recognition
TUV
EN60950 Recognition
Input
Input range
9 to 18 VDC
Efficiency
78% typical (3.3V)
Output
Voltage tolerance
±1.0%
Overall regulation
±1% max
Noise/ripple
1% Typ, 2% Max
Transient response
300 usec typical (50% step load
change to within 3%Vo)
Temperature Regulation
±0.02 %Vo/°C
Switching frequency
330kHz
Isolation
I/O isolation
1500 VDC Input to Output
1000 VDC Input to Case
1000 VDC Output to Case
Isolation Resistance
300 Mohms
Total Power:
10 Watts
Input Voltages:
12V
No. of Outputs:
Single and Dual
Environmental
Safety


Similar Part No. - AEE00BB12-4

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE00BB12-4 ASTEC-AEE00BB12-4 Datasheet
1Mb / 2P
   10 Watts
More results

Similar Description - AEE00BB12-4

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEQ15 ASTEC-AEQ15 Datasheet
61Kb / 2P
   Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
AEE04 ASTEC-AEE04 Datasheet
473Kb / 2P
   Total Power: 15 Watts, Input Voltages: 48V, 24V, No. of Outputs: Single, Dual
AEH60 ASTEC-AEH60 Datasheet
506Kb / 2P
   Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
APA100 ASTEC-APA100 Datasheet
1Mb / 2P
   Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
   55 Watts Maximum Continuous Power - Total of all Outputs.
logo
Wall Industries,Inc.
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000 Datasheet
263Kb / 8P
   10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com