Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS15BR400TVSX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS15BR400TVSX
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15BR400TVSX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DS15BR400TVSX Datasheet HTML 3Page - National Semiconductor (TI) DS15BR400TVSX Datasheet HTML 4Page - National Semiconductor (TI) DS15BR400TVSX Datasheet HTML 5Page - National Semiconductor (TI) DS15BR400TVSX Datasheet HTML 6Page - National Semiconductor (TI) DS15BR400TVSX Datasheet HTML 7Page - National Semiconductor (TI) DS15BR400TVSX Datasheet HTML 8Page - National Semiconductor (TI) DS15BR400TVSX Datasheet HTML 9Page - National Semiconductor (TI) DS15BR400TVSX Datasheet HTML 10Page - National Semiconductor (TI) DS15BR400TVSX Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Typical Performance Characteristics
Power Supply Current vs. Data Rate
20188920
Total Jitter vs. Ambient Temperature
20188921
Total Jitter vs. Data Rate
20188922
Data Rate vs. Cable Length (0.25 UI Criteria)
20188923
Data presented in this graph was collected using the DS15BR400EVK, a pair
of RJ-45 to SMA adapter boards and various length Belden 1700a cables.
The maximum data rate was determined based on total jitter (0.25 UI criteria)
measured after the cable. The total jitter was a peak to peak value measured
with a histogram including 3000 window hits.
Data Rate vs. Cable Length (0.5 UI Criteria)
20188924
Data presented in this graph was collected using the DS15BR400EVK, a pair
of RJ-45 to SMA adapter boards and various length Belden 1700a cables.
The maximum data rate was determined based on total jitter (0.5 UI criteria)
measured after the cable. The total jitter was a peak to peak value measured
with a histogram including 3000 window hits.
www.national.com
9


Similar Part No. - DS15BR400TVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS15BR400TVSX/NOPB TI1-DS15BR400TVSX/NOPB Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results

Similar Description - DS15BR400TVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
Texas Instruments
SCAN90004 TI1-SCAN90004_18 Datasheet
288Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Texas Instruments
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com