Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS15BR401TVSX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS15BR401TVSX
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15BR401TVSX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS15BR401TVSX Datasheet HTML 1Page - National Semiconductor (TI) DS15BR401TVSX Datasheet HTML 2Page - National Semiconductor (TI) DS15BR401TVSX Datasheet HTML 3Page - National Semiconductor (TI) DS15BR401TVSX Datasheet HTML 4Page - National Semiconductor (TI) DS15BR401TVSX Datasheet HTML 5Page - National Semiconductor (TI) DS15BR401TVSX Datasheet HTML 6Page - National Semiconductor (TI) DS15BR401TVSX Datasheet HTML 7Page - National Semiconductor (TI) DS15BR401TVSX Datasheet HTML 8Page - National Semiconductor (TI) DS15BR401TVSX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pin Descriptions
Pin
Name
TQFP Pin
Number
LLP Pin
Number
I/O, Type
Description
DIFFERENTIAL INPUTS
IN0+
IN0−
13
14
9
10
I, LVDS
Channel 0 inverting and non-inverting differential inputs.
IN1+
IN1−
15
16
11
12
I, LVDS
Channel 1 inverting and non-inverting differential inputs.
IN2+
IN2−
19
20
13
14
I, LVDS
Channel 2 inverting and non-inverting differential inputs.
IN3+
IN3−
21
22
15
16
I, LVDS
Channel 3 inverting and non-inverting differential inputs.
DIFFERENTIAL OUTPUTS
OUT0+
OUT0−
48
47
32
31
O, LVDS
Channel 0 inverting and non-inverting differential outputs. (Note 2)
OUT1+
OUT1−
46
45
30
29
O, LVDS
Channel 1 inverting and non-inverting differential outputs. (Note 2)
OUT2+
OUT2−
42
41
28
27
O, LVDS
Channel 2 inverting and non-inverting differential outputs. (Note 2)
OUT3+
OUT3-
40
39
26
25
O, LVDS
Channel 3 inverting and non-inverting differential outputs. (Note 2)
DIGITAL CONTROL INTERFACE
PWDN
12
8
I, LVTTL
A logic low at PWDN activates the hardware power down mode (all
channels).
PEM
2
2
I, LVTTL
Pre-emphasis Control Input (affects all Channels)
POWER
V
DD
3, 4, 5, 7, 10,
11, 28, 29, 32,
33
3, 4, 6, 7,
20, 21
I, Power
V
DD = 3.3V, ±10%
GND
8, 9, 17, 18, 23,
24, 37, 38, 43,
44
5 (Note 1)
I, Ground
Ground reference for LVDS and CMOS circuitry. For the LLP package, the
DAP is used as the primary GND connection to the device in addition to the
pin numbers listed. The DAP is the exposed metal contact at the bottom of
the LLP-32 package. It should be connected to the ground plane with at
least 4 vias for optimal AC and thermal performance.
N/C
1,6, 25, 26, 27,
30, 31, 34, 35,
36
1, 17,
18,19,22,
23, 24
No Connect
Note 1: Note that for the LLP package the GND is connected thru the DAP on the back side of the LLP package in addition to the actual pin numbers listed.
Note 2: The LVDS outputs do not support a multidrop (BLVDS) environment. The LVDS output characteristics of the DS15BR400 and DS15BR401 are optimized
for point-to-point backplane and cable applications.
www.national.com
3


Similar Part No. - DS15BR401TVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS15BR401TVSX/NOPB TI1-DS15BR401TVSX/NOPB Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results

Similar Description - DS15BR401TVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
Texas Instruments
SCAN90004 TI1-SCAN90004_18 Datasheet
288Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Texas Instruments
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com