Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15007AASA+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15007AASA+
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15007AASA+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15007AASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
_______________________________________________________________________________________
3
Note 1: Limits at -40°C are guaranteed by design.
Note 2: Output voltage regulation is guaranteed for IOUT
≥ 5µA.
Note 3: Dropout voltage is defined as (VIN - VOUT) when VOUT is 2% below the value of VOUT when VIN = VOUT + 3V.
Note 4: For VOUT = 3.3V, the 700mV dropout indicates VOUT does not reach 2% below VOUT at VIN = VOUT + 3V at minimum 4V
input voltage.
Note 5: Enable to regulation time is the time the output takes to reach 95% of its final value with VIN = 14V and EN is taken from VIL
to VIH in 5ns.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, IOUT = 1mA, CIN = 0.1µF, COUT = 2.2µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical specifications are
at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Current Limit
80
350
mA
VOUT = 3.3V
115
Output Voltage Noise
100Hz to 100kHz, IOUT
= 50mA, COUT = 2.2µF VOUT = 5V
179
µVRMS
Power-Supply Rejection Ratio
PSRR
f = 100Hz, VIN_RIPPLE = 500mVP-P, IOUT = 50mA
66
dB
ENABLE LOGIC
VIL
0.4
Enable Threshold Voltage
VIH
1.4
V
Enable Threshold Hysteresis
60
mV
Enable Pulldown Current
Internally pulled down to GND
0.5
µA
Enable to Regulation Time
(Note 5)
0.4
2
ms
THERMAL SHUTDOWN
Thermal Shutdown
TSHDN
Junction temperature rising
+165
°C
Thermal Shutdown Hysteresis
THYST
20
°C


Similar Part No. - MAX15007AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15007AASA++ MAXIM-MAX15007AASA+ Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15007AASA++ MAXIM-MAX15007AASA+ Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
More results

Similar Description - MAX15007AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006 MAXIM-MAX15006_09 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15006 MAXIM-MAX15006_10 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 3; 12/10
MAX15006 MAXIM-MAX15006_11 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 4; 7/11
MAX15006_1111 MAXIM-MAX15006_1111 Datasheet
314Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 5; 11/11
MAX15006 MAXIM-MAX15006_13 Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
logo
Monolithic Power System...
MPQ2013-AEC1 MPS-MPQ2013-AEC1 Datasheet
509Kb / 13P
   40V, 150mA, Low Quiescent Current Linear Regulator without EN Pin, MPQ2013A-AEC1 with EN Pin
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com