Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15007AASA+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15007AASA+
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15007AASA+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15007AASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX15007AASA+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
6
_______________________________________________________________________________________
ENABLE STARTUP RESPONSE
MAX15006 toc19
400
μs/div
EN
1V/div
VOUT
2V/div
MAX15006B/MAX15007B
VIN = 40V, IOUT = 50mA
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
100
110
0.1
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0.01
1000
IOUT = 50mA
COUT = 2.2
μF
COUT = 10
μF
OUTPUT-NOISE SPECTRAL DENSITY
vs. FREQUENCY
FREQUENCY (kHz)
110
0.1
0.1
1
10
0.01
0.01
100
MAX15006A/MAX15007A
IOUT = 50mA
OUTPUT-NOISE SPECTRAL DENSITY
vs. FREQUENCY
FREQUENCY (kHz)
110
0.1
0.1
1
10
0.01
0.01
100
MAX15006B/MAX15007B
IOUT = 50mA
OUTPUT VOLTAGE NOISE
vs. LOAD CURRENT
IOUT (mA)
40
35
25 30
15
10
20
5
15
30
45
60
75
90
105
120
135
150
0
050
45
MAX15006A/MAX15007A
Typical Operating Characteristics (continued)
(VIN = 14V, CIN = 0.1µF, COUT = 2.2µF, VEN = VIN, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX15007AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15007AASA++ MAXIM-MAX15007AASA+ Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15007AASA++ MAXIM-MAX15007AASA+ Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
More results

Similar Description - MAX15007AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006 MAXIM-MAX15006_09 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15006 MAXIM-MAX15006_10 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 3; 12/10
MAX15006 MAXIM-MAX15006_11 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 4; 7/11
MAX15006_1111 MAXIM-MAX15006_1111 Datasheet
314Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 5; 11/11
MAX15006 MAXIM-MAX15006_13 Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
logo
Monolithic Power System...
MPQ2013-AEC1 MPS-MPQ2013-AEC1 Datasheet
509Kb / 13P
   40V, 150mA, Low Quiescent Current Linear Regulator without EN Pin, MPQ2013A-AEC1 with EN Pin
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com