Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3100K12S Datasheet(PDF) 1 Page - ITT Industries

Part # MS3100K12S
Description  Firewall Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS3100K12S Datasheet(HTML) 1 Page - ITT Industries

  MS3100K12S Datasheet HTML 1Page - ITT Industries MS3100K12S Datasheet HTML 2Page - ITT Industries MS3100K12S Datasheet HTML 3Page - ITT Industries MS3100K12S Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ittcannon.com
202
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Firewall Connectors
MS-K
Performance and Material Specifications
MATERIALS
SERIES PREFIX
SERIES PREFIX
MS
Shell - Steel
Shell - Olive drab over cadmium plate
Shell Size - In sixteenths of an inch
Coupling - Threaded
Contact Arrangements - See pages 216-217
Number of Contacts - 1 thru 37
Contacts - Silver plate
Insulator - Glass-filled epoxy or glass-filled melamine or
melamine glass cloth laminate
Contacts - Copper alloy
8S to 36
See pages 216-217
P for pin; S for socket
See pages 202-204
K per MIL-C-5015
SHELL SIZE
CONTACT ARRANGEMENT
CONTACT TYPE
SHELL STYLE
CLASS
MS
3106
K
36
8
P
SHELL STYLE
CLASS
CONTACT TYPE
CONTACT ARRANGEMENT
SHELL SIZE
MS3100K
Sizes 8S to 18 have junction shell
• Receptacles in size 10SL are available with pin inserts only.
* Add contact arrangment. See pages 216-217.
† Add contact type:P - pin; S - socket.
Sizes 20 to 36 have endbell
A
THREAD
B
M
L
K
W
V THREAD
O
S
(TYP.)
POLARIZING KEY
A
THREAD
B
M
L
K
W
O
V THREAD
T DIA.
+.010
-.003
+_.005
R
(TYP)
FINISHES
MECHANICAL FEATURES
ELECTRICAL DATA
How to Order
Wall Mounting Receptacle
Part Number
B
K
L
M
O
R
S
T
W
MS3100K8S-*†
MS3100K10SL-*†
MS3100K12S-*†
MS3100K14S-*†
MS3100K16S-*†
MS3100K16-*†
MS3100K18-*†
MS3100K20-*†
MS3100K22-*†
MS3100K24-*†
MS3100K28-*†
MS3100K32-*†
MS3100K36-*†
Part Number
MS3100K8S-*†
MS3100K10SL-*†
MS3100K12S-*†
MS3100K14S-*†
MS3100K16S-*†
MS3100K16-*†
MS3100K18-*†
MS3100K20-*†
MS3100K22-*†
MS3100K24-*†
MS3100K28-*†
MS3100K32-*†
MS3100K36-*†
A Thread
V Thread
1/2-28UNEF-2A
5/8-24UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
1-20UNEF-2A
1-1/8-18UNEF-2A
1-1/4-18UNEF-2A
1-3/8-18UNEF-2A
1-1/2-18UNEF-2A
1-3/4-18UNS-2A
2-18UNS-2A
2-1/4-16UN-2A
1/2-28UNEF-2A
5/8-24UNEF-2A
5/8-24UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
1-3/16-18UNEF-2A
1-3/16-18UNEF-2A
1-7/16-18UNEF-2A
1-7/16-18UNEF-2A
13/4-18UNS-2A
2-18UNS-2A
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.625 (15.88)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.125 (3.18)
1.453 (36.91)
1.109 (28.17)
1.515 (38.48)
1.515 (38.48)
1.703 (43.26)
1.703 (43.26)
1.921 (48.79)
2.109 (53.57)
2.031 (51.59)
2.328 (59.13)
2.025 (51.44)
2.453 (62.31)
2.594 (65.89)
.563 (14.30)
.563 (14.30)
.563 (14.30)
.563 (14.30)
.563 (14.30)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.813 (20.65)
.813 (20.65)
.875 (22.22)
.875 (22.22)
17/32
25/32
25/32
29/32
1-1/32
1-1/32
1-5/32
1-21/64
1-25/64
1-37/64
1-49/64
2-1/64
2-17/64
19/32
23/32
13/16
29/32
31/32
31/32
1-1/16
1-5/32
1-1/4
1-3/8
1-9/16
1-3/4
1-15/16
7/8
1
1-3/32
1-3/16
1-9/32
1-9/32
1-3/8
1-1/2
1-5/8
1-3/4
2
2-1/4
2-1/2
.150 (3.81)
.150 (3.81)
.150 (3.81)
.150 (3.81)
.150 (3.81)
.150 (3.81)
.177 (4.50)
.177 (4.50)
.177 (4.50)
.177 (4.50)
.177 (4.50)
.209 (5.31)
.209 (5.31)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.438 (11.13)
.500 (12.70)
MS-K firewall connectors have met and are qual-
ified to the fireproof test of MIL-C-5015. This test
requires that a connector mounted to a firewall will
continure to operate for 5 minutes in case of fire and
prevent the passage of flame for 20 minutes. These
connectors are not environmentally sealed but oper-
ate
continuously
at
temperature
up
to
+177˚C
(+350˚F). MS-K connectors have crimp type con-
tacts; thermocouple contacts must be orderd sep-
arately and are solder type unless otherwise re-
quested on order. Cavities that will contain the
thermocouple contacts and contact material must
be specified when ordering.


Similar Part No. - MS3100K12S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS3100 GLENAIR-MS3100 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
Amphenol Corporation
MS3100A18-3PW AMPHENOL-MS3100A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3100A18-3PX AMPHENOL-MS3100A18-3PX Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3100A18-3SW AMPHENOL-MS3100A18-3SW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3100A18-3SX AMPHENOL-MS3100A18-3SX Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
More results

Similar Description - MS3100K12S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADW-4200A ETC-ADW-4200A Datasheet
87Kb / 6P
   ADSL Wireless VPN / Firewall Router
logo
Axiomtek Co., Ltd.
IFW320 AXIOMTEK-IFW320_17 Datasheet
224Kb / 2P
   Robust Industrial Firewall Appliance
logo
Moxa Inc.
EDR-G902 MOXA-EDR-G902 Datasheet
966Kb / 6P
   Industrial secure routers with firewall/NAT/VPN
EDR-G903 MOXA-EDR-G903 Datasheet
1Mb / 6P
   Industrial secure routers with firewall/NAT/VPN
logo
ADL Embedded Solutions
MSMFW104EX ADL-MSMFW104EX Datasheet
200Kb / 1P
   Firewall Board with two 1394B & one 1394A Connections
logo
PHOENIX CONTACT
2989213 PHOENIX-2989213 Datasheet
94Kb / 4P
   Firewall/router in PCI format 533 MHz processor cycle frequency
logo
Axiomtek Co., Ltd.
IFW330 AXIOMTEK-IFW330_17 Datasheet
178Kb / 2P
   Industrial Firewall Appliance with 2 WAN and 1 LAN
IFW330 AXIOMTEK-IFW330 Datasheet
187Kb / 2P
   Industrial Firewall Appliance with 2 WAN and 1 LAN
logo
PHOENIX CONTACT
2702193 PHOENIX-2702193 Datasheet
46Kb / 2P
   Increased availability thanks to firewall/router and VPN redundancy
FL-MGUARD-SMART2 PHOENIX-FL-MGUARD-SMART2 Datasheet
62Kb / 3P
   Router with intelligent firewall, up to 99 Mbps data throughput (wire speed performance), stateful inspection firewall for maximum security and extremely easy configuration
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com